Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58PV256LE96ZB5 Datasheet(PDF) 13 Page - STMicroelectronics

Part # M58PV256LE96ZB5
Description  256-Mbit, 512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PV256LE96ZB5 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M58PV256LE96ZB5 Datasheet HTML 9Page - STMicroelectronics M58PV256LE96ZB5 Datasheet HTML 10Page - STMicroelectronics M58PV256LE96ZB5 Datasheet HTML 11Page - STMicroelectronics M58PV256LE96ZB5 Datasheet HTML 12Page - STMicroelectronics M58PV256LE96ZB5 Datasheet HTML 13Page - STMicroelectronics M58PV256LE96ZB5 Datasheet HTML 14Page - STMicroelectronics M58PV256LE96ZB5 Datasheet HTML 15Page - STMicroelectronics M58PV256LE96ZB5 Datasheet HTML 16Page - STMicroelectronics M58PV256LE96ZB5 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 119 page
background image
M58PR256LE, M58PR512LE, M58PR001LE
Description
13/119
Figure 2.
Memory map
Table 5.
EFA memory map
EFA block
Size
Address range
3
4 KWords (64 Kbits)
0003000 - 0003FFF
2
4 KWords (64 Kbits)
0002000 - 0002FFF
1
4 KWords (64 Kbits)
0001000 - 0001FFF
0
4 KWords (64 Kbits)
0000000 - 0000FFF
AI12817b
M58PR256LE
Address lines A23-A0
16 blocks
Bank 0
M58PR512LE
Address lines A24-A0
128 Kword
000000h
01FFFFh
128 Kword
1E0000h
1FFFFFh
128 Kword
E00000h
E1FFFFh
128 Kword
FE0000h
FFFFFFh
128 Kword
0000000h
001FFFFh
128 Kword
03E0000h
03FFFFFh
128 Kword
1C00000h
1C1FFFFh
128 Kword
1FE0000h
1FFFFFFh
Bank 7
Bank 7
Bank 0
16 blocks
32 blocks
32 blocks
M58PR001LE
Address lines A25-A0
128 Kword
0000000h
001FFFFh
128 Kword
07E0000h
07FFFFFh
128 Kword
3800000h
381FFFFh
128 Kword
3FE0000h
3FFFFFFh
Bank 7
Bank 0
64 blocks
64 blocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com