Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58PV256LE96ZB5 Datasheet(PDF) 33 Page - STMicroelectronics

Part # M58PV256LE96ZB5
Description  256-Mbit, 512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PV256LE96ZB5 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M58PV256LE96ZB5 Datasheet HTML 29Page - STMicroelectronics M58PV256LE96ZB5 Datasheet HTML 30Page - STMicroelectronics M58PV256LE96ZB5 Datasheet HTML 31Page - STMicroelectronics M58PV256LE96ZB5 Datasheet HTML 32Page - STMicroelectronics M58PV256LE96ZB5 Datasheet HTML 33Page - STMicroelectronics M58PV256LE96ZB5 Datasheet HTML 34Page - STMicroelectronics M58PV256LE96ZB5 Datasheet HTML 35Page - STMicroelectronics M58PV256LE96ZB5 Datasheet HTML 36Page - STMicroelectronics M58PV256LE96ZB5 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 119 page
background image
M58PR256LE, M58PR512LE, M58PR001LE
Command interface
33/119
4.18
Set Enhanced Configuration Register command
The Set Enhanced Configuration Register command is used to write a new value to the
Enhanced Configuration Register. Two bus write cycles are required to issue the Set
Enhanced Configuration Register command.
●
The first cycle sets up the Set Enhanced Configuration Register command and the
address corresponding to the Enhanced Configuration Register contents.
●
The second cycle writes the Enhanced Configuration Register data and the Confirm
command.
The Enhanced Configuration Register data must be written as an address during the bus
write cycle, such as A0 = ECR0, A1 = ECR1, …, A15 = ECR15.
If the Set Enhanced Configuration Register setup write cycle is not followed by the Set
Enhanced Configuration Register Confirm command (04h), Status Register bits SR4 and
SR5 are set.
After successfully executing this command, the bank addressed returns to read array state.
4.19
Read EFA Block command
The Read EFA Block command places the addressed bank in the read EFA mode, where all
addresses in the addressed bank are remapped to EFA block addresses.
When the device is in read EFA mode, the main array blocks in the addressed bank can no
longer be accessed until a Read Array command is issued to the bank.
One bus write cycle is required to issue the Read EFA Block command. Once a bank is in
read EFA mode, subsequent read operations from any address within the EFA block output
the EFA data from the EFA block. See Table 5: EFA memory map for details.
EFA blocks can be read through asynchronous or single synchronous read operations only.
The Asynchronous page read mode cannot be used to read the EFA blocks.
If a Read EFA command is issued in a bank that is programming or erasing, the read mode
of the bank changes to Read EFA mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com