Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58PR512LE96ZB5 Datasheet(PDF) 101 Page - STMicroelectronics

Part # M58PR512LE96ZB5
Description  256-Mbit, 512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR512LE96ZB5 Datasheet(HTML) 101 Page - STMicroelectronics

Back Button M58PR512LE96ZB5 Datasheet HTML 97Page - STMicroelectronics M58PR512LE96ZB5 Datasheet HTML 98Page - STMicroelectronics M58PR512LE96ZB5 Datasheet HTML 99Page - STMicroelectronics M58PR512LE96ZB5 Datasheet HTML 100Page - STMicroelectronics M58PR512LE96ZB5 Datasheet HTML 101Page - STMicroelectronics M58PR512LE96ZB5 Datasheet HTML 102Page - STMicroelectronics M58PR512LE96ZB5 Datasheet HTML 103Page - STMicroelectronics M58PR512LE96ZB5 Datasheet HTML 104Page - STMicroelectronics M58PR512LE96ZB5 Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 119 page
background image
M58PR256LE, M58PR512LE, M58PR001LE
Common Flash interface
101/119
1.
The variable P is a pointer which is defined at CFI offset 015h.
2.
Bank regions. There is one EFA bank region.
(P+4A)h = 154h
00h
Bank region 1 (Erase block type 1) programming region information
Bit 0-7: aligned size of programming region in bytes
Bit 8-14: reserved
Bit 15: legacy Flash operation (ignore bit 0-7)
Bit 16-23: control mode valid size in bytes
Bit 24-31: reserved
Bit 32-39: control mode invalid size in bytes
Bit 40-46: reserved
Bit 47: legacy Flash operation (ignore bit 16-23 and 32-39)
(P+4B)h = 155h
80h
(P+4C)h = 156h
00h
(P+4D)h = 157h
00h
(P+4E)h = 158h
00h
(P+4F)h = 159h
80h
Table 52.
Extended Flash array bank and erase block region 1 information
Offset(1)
Data
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com