Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58PR512LE96ZB5 Datasheet(PDF) 51 Page - STMicroelectronics

Part # M58PR512LE96ZB5
Description  256-Mbit, 512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR512LE96ZB5 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button M58PR512LE96ZB5 Datasheet HTML 47Page - STMicroelectronics M58PR512LE96ZB5 Datasheet HTML 48Page - STMicroelectronics M58PR512LE96ZB5 Datasheet HTML 49Page - STMicroelectronics M58PR512LE96ZB5 Datasheet HTML 50Page - STMicroelectronics M58PR512LE96ZB5 Datasheet HTML 51Page - STMicroelectronics M58PR512LE96ZB5 Datasheet HTML 52Page - STMicroelectronics M58PR512LE96ZB5 Datasheet HTML 53Page - STMicroelectronics M58PR512LE96ZB5 Datasheet HTML 54Page - STMicroelectronics M58PR512LE96ZB5 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 119 page
background image
M58PR256LE, M58PR512LE, M58PR001LE
Configuration Register
51/119
7
Configuration Register
The Configuration Register configures the type of bus access that the memory performs.
Refer to Section 10: Read modes for details on read operations.
The Configuration Register is set through the command interface using the Set
Configuration Register command. The Configuration Register is volatile: after a reset or a
power-down/power-up sequence, the register is set for asynchronous read (CR15=1) and all
bits return to their default value. The Configuration Register bits are described in Table 16.
They specify the selection of the burst length, burst X latency and the read operation. Refer
to Figure 6 and Figure 7 for examples of synchronous burst configurations.
7.1
Read select bit (CR15)
The read select bit, CR15, switches between asynchronous and synchronous read
operations.
When:
●
CR15 = 0:
–
Read operations in the main array are performed in synchronous burst mode,
–
Operations to read the Status Register, electronic signature, CFI and EFA are
performed in single synchronous mode (See Section 10.3: Single synchronous
read mode for details).
●
CR15 = 1:
–
Read operations in the main array are performed in Asynchronous page mode,
–
Operations to read the Status Register, electronic signature, CFI and EFA are
performed in asynchronous random access mode.
Synchronous burst read can be performed across banks.
On reset or power-up the read select bit is set to ’1’ for asynchronous access.
7.2
X latency bits (CR14-CR11)
The X latency bits are used during synchronous read operations to set the number of clock
cycles between the address being latched and the first data becoming available.
For correct operation the X latency bits can only assume the values in Table 16:
Configuration Register.
Table 15 shows how to set the X latency parameter, taking into account the frequency used
to read the Flash memory in synchronous mode.
Refer to Figure 6: X latency and data output configuration example for an example
waveform.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com