Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58PR512LE96ZB5 Datasheet(PDF) 50 Page - STMicroelectronics

Part # M58PR512LE96ZB5
Description  256-Mbit, 512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR512LE96ZB5 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button M58PR512LE96ZB5 Datasheet HTML 46Page - STMicroelectronics M58PR512LE96ZB5 Datasheet HTML 47Page - STMicroelectronics M58PR512LE96ZB5 Datasheet HTML 48Page - STMicroelectronics M58PR512LE96ZB5 Datasheet HTML 49Page - STMicroelectronics M58PR512LE96ZB5 Datasheet HTML 50Page - STMicroelectronics M58PR512LE96ZB5 Datasheet HTML 51Page - STMicroelectronics M58PR512LE96ZB5 Datasheet HTML 52Page - STMicroelectronics M58PR512LE96ZB5 Datasheet HTML 53Page - STMicroelectronics M58PR512LE96ZB5 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 119 page
background image
Status Register
M58PR256LE, M58PR512LE, M58PR001LE
50/119
Table 14.
Status Register bits
Bit
Name
Type
Logic
level(1)
1.
Logic level '1' is High, '0' is Low.
Definition
SR15-
SR10
Reserved(2)
2.
Reserved bits should always be reset to ‘0’.
SR9
Control program
mode status
Error
1
Program error in program region configured in control
program mode
0
Program successful
SR8
Object program
mode status
Error
1
Program error in program region configured in object
program mode
0
Program successful
SR7
P/EC status
Status
1
Ready
0Busy
SR6
Erase suspend
status
Status
1
Erase suspended
0
Erase in progress or completed
SR5
Erase status
Error
1
Erase error
0
Erase success
SR4
Program status
Error
1
Program error
0
Program success
SR3
VPP status
Error
1VPP invalid, abort
0VPP OK
SR2
Program
suspend status
Status
1
Program suspended
0
Program in progress or completed
SR1
Block protection
status
Error
1
Program/erase on protected block, abort
0
No operation to protected blocks
SR0
Bank write status Status
1
SR7 = ‘1’ Not allowed
SR7 = ‘0’
Program or erase operation in a bank
other than the addressed bank
0
SR7 = ‘1’
No program or erase operation in the
device
SR7 = ‘0’
Program or erase operation in addressed
bank
Multiple word
program status
(buffer enhanced
factory program
mode)
Status
1
SR7 = ‘1’ Not allowed
SR7 = ‘0’
The device is not ready for the next word
or is going to exit BEFP mode
0
SR7 = ‘1’ The device is exiting from BEFP
SR7 = ‘0’ The device is ready for the next word



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com