Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC600 Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC600
Description  mAhXLifeTM LED Driver with 5.0V, 4.5V, or 4.0V Output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC600 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC600 Datasheet HTML 9Page - Semtech Corporation SC600 Datasheet HTML 10Page - Semtech Corporation SC600 Datasheet HTML 11Page - Semtech Corporation SC600 Datasheet HTML 12Page - Semtech Corporation SC600 Datasheet HTML 13Page - Semtech Corporation SC600 Datasheet HTML 14Page - Semtech Corporation SC600 Datasheet HTML 15Page - Semtech Corporation SC600 Datasheet HTML 16Page - Semtech Corporation SC600 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC600
Typical Characteristics
Load Regulation, V
IN = 3.6V, Freq. = 650kHz
Line Regulation, Freq. = 650kHz
Efficiency vs. Output Current, V
IN = 3.6V,
Freq. = 650kHz
Start-Up Conditions for 5.0V Output
Ripple Voltage
Start-Up Conditions for 4.0V Output
3.8
4
4.2
4.4
4.6
4.8
5
5.2
0
20
40
60
80
100
120
Load Current [mA]
SC600A at 60mA
SC600B at 120mA
SC600D at 120mA
3.8
4
4.2
4.4
4.6
4.8
5
2.5
3
3.5
4
4.5
5
5.5
6
6.5
Input Voltage [V]
SC600A at 60mA
SC600B at 120mA
SC600D at 120mA
50
55
60
65
70
75
80
85
90
95
0
10
2030
4050
6070
8090
100
110
120
Current [mA]
SC600A 5.0V
SC600B 4.5V
SC600C 4.5V
SC600D 4.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com