Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC600 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC600
Description  mAhXLifeTM LED Driver with 5.0V, 4.5V, or 4.0V Output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC600 Datasheet(HTML) 1 Page - Semtech Corporation

  SC600 Datasheet HTML 1Page - Semtech Corporation SC600 Datasheet HTML 2Page - Semtech Corporation SC600 Datasheet HTML 3Page - Semtech Corporation SC600 Datasheet HTML 4Page - Semtech Corporation SC600 Datasheet HTML 5Page - Semtech Corporation SC600 Datasheet HTML 6Page - Semtech Corporation SC600 Datasheet HTML 7Page - Semtech Corporation SC600 Datasheet HTML 8Page - Semtech Corporation SC600 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
www.semtech.com
1
POWER MANAGEMENT
SC600
mAhXLifeTM LED Driver with
5.0V, 4.5V, or 4.0V Output
50
60
70
80
90
100
3.0
3.2
3.4
3.6
3.8
4.0
4.2
Input Voltage [V]
90% of Li-Ion
Battery Life
SC600A
5.0V@60mA
Device with Only 2x Mode
5.0V@60mA
January 9, 2006
Description
Features
Typical Application Circuit
Applications
Features
The SC600 is a versatile charge pump designed for use
in battery operated power supply applications. The wide
input range is matched for Li-Ion battery applications.
mAhxLifeTM LED Drivers feature a fractional charge pump
implementation with efficiency comparable to a switching
regulator without costly inductors. Only two tiny ceramic
capacitors are required, and the inductorless implemen-
tation provides a reduced-EMI solution. Patented low
noise mode switching circuitry and constant output cur-
rent allow the use of extremely small input and output
capacitors.
The SC600 charge pump can be used for applications
that require up to 120mA of output current with a 4.0V
or 4.5V output. The 5.0V output version provides up to
60mA of output current.
mAhXLifeTM LED drivers replace switched mode power
supplies and provide comparable efficiency with less cost,
area, noise, and complexity.
Typical Efficiency
Small size - MLPD 10 lead 3x3mm or MSOP-10
package allows for a complete solution in .05 sq. in.
Peak efficiency over 90% (extends battery life)
Four component versions available
60mA versions available in 5.0V and 4.5V output
120mA versions available in 4.5V and 4.0V output
Short-circuit and over-temperature protection
Soft-start function
Shutdown current <1μA
Selectable fixed frequencies of 8kHz, 32kHz,
262kHz and 650kHz
Low input and output ripple
Regulated to ± 5%
Ease of use
Cellular phones
LED backlighting
PDA power supplies
Portable electronics
Electronic books
Handheld computers
Wireless web appliances
Cin
1.0uF
2.7V to 6.5V
Cbucket1
1.0uF
Cbucket2
1.0uF
VIN
EN
CD4
CX8
GND
CF2-
CF2+
CF1-
CF1+
VOUT
3
6
4
5
8
7
10
9
2
1
U1
Cout
0.33uF
UP TO 6 LEDS
4.0V, 4.5V or 5.0V


Similar Part No. - SC600

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
SC600 SWITCH-SC600 Datasheet
225Kb / 1P
600, 700, 702, 800 & 900 Series Overview
logo
Extech Instruments Corp...
SC600 EXTECH-SC600 Datasheet
412Kb / 1P
Electronic Counting Scale/Balance
logo
Socay Electornics Co., ...
SC600-110 SOCAY-SC600-110 Datasheet
462Kb / 4P
Radial Lead Resettable Polymer PTCs
SC600-150 SOCAY-SC600-150 Datasheet
462Kb / 4P
Radial Lead Resettable Polymer PTCs
SC600-160 SOCAY-SC600-160 Datasheet
462Kb / 4P
Radial Lead Resettable Polymer PTCs
More results

Similar Description - SC600

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AA05B ETC-AA05B Datasheet
37Kb / 2P
6W max 4.5V or 24V or 48V inputs Single / Dual output
logo
Rohm
BD1603NUV ROHM-BD1603NUV Datasheet
309Kb / 6P
Charge Pump Regulator with Selectable 5.0V/4.5V Output for mobile
logo
Bel Fuse Inc.
S7DB-10E BEL-S7DB-10E Datasheet
308Kb / 17P
NON-ISOLATED DC/DC CONVERTERS 4.5V - 13.2V Input / 1.0V - 5.0V Output / 10A
V7PB-15E BEL-V7PB-15E Datasheet
179Kb / 9P
NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/15A Output
X7AH-03EXX0 BEL-X7AH-03EXX0 Datasheet
136Kb / 7P
NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/3A Output
X7AH-03H BEL-X7AH-03H Datasheet
130Kb / 6P
NON-ISOLATED DC/DC CONVERTERS 4.5V-32V Input 1.2V-5.0V/3A Output
logo
Semtech Corporation
SC603 SEMTECH-SC603 Datasheet
793Kb / 12P
CHARGE PUMP REGULATOR WITH SELECTABLE 5.0V/4.5V OUTPUT
logo
Rohm
BD9102FVM ROHM-BD9102FVM_12 Datasheet
1Mb / 29P
4.0V(or 4.5V) to 5.5V, 0.8A 1ch Synchronous Buck Converter Integrated FET
logo
RF Micro Devices
RF6559 RFMD-RF6559 Datasheet
692Kb / 10P
4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
logo
Qorvo, Inc
RF6559 QORVO-RF6559 Datasheet
692Kb / 10P
4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com