Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STY-CATR-RER-0150-S1 Datasheet(PDF) 1 Page - Eravant

Part # STY-CATR-RER-0150-S1
Description  Ø6” Circular Quiet Zone, Rolled Edge Reflector For Compact Range
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

STY-CATR-RER-0150-S1 Datasheet(HTML) 1 Page - Eravant

  STY-CATR-RER-0150-S1 Datasheet HTML 1Page - Eravant STY-CATR-RER-0150-S1 Datasheet HTML 2Page - Eravant STY-CATR-RER-0150-S1 Datasheet HTML 3Page - Eravant STY-CATR-RER-0150-S1 Datasheet HTML 4Page - Eravant STY-CATR-RER-0150-S1 Datasheet HTML 5Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
STY-CATR-RER-0150-S1
www.eravant.com | 424-757-0168 | support@eravant.com
Copyright © 2024 by Eravant
1/5
Final Rev 1.2
Ø6
” Circular Quiet Zone, Rolled Edge Reflector For
Compact Range
STY-CATR-RER-0150-S1 is a rolled edge reflector designed for
compact antenna ranges. The reflector is intended for use with a center
fed feed layout and the size of the quiet zone is around Ø 6
” [150 mm].
The reflector is machined from a single block of aluminum with superb
surface accuracy that allows it to be used for frequencies up to 170 GHz
and is treated with chemical film for corrosion resistance.
Electrical Specifications:
Mechanical Specifications:
Parameter
Specification
Frequency Range*
24
– 170 GHz
Quiet Zone Shape
Circular
Quiet Zone Size
Ø6
” [150 mm]
Feed Layout
Center Fed
Item
Specification
Material
Aluminum
Finish
Chem Film
Weight
13 lbs.
Outline
TY-CATR-RER-0150
ECCN
EAR99
FEATURES
• Robust, Single Piece Aluminum
Construction
• High Surface Accuracy
• Chem Film Treatment for
Corrosion Resistance
APPLICATIONS
• Compact Antenna Range
SUPPLEMENTAL DETAILS


Similar Part No. - STY-CATR-RER-0150-S1

ManufacturerPart #DatasheetDescription
logo
Eravant
STY-CATR-RER-0300-S1 ERAVANT-STY-CATR-RER-0300-S1 Datasheet
275Kb / 2P
Ø12” Circular Quiet Zone, Rolled Edge Reflector For Compact Range
Rev 1.0
More results

Similar Description - STY-CATR-RER-0150-S1

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HR22-12WTPA-20SC HIROSE-HR22-12WTPA-20SC Datasheet
311Kb / 8P
HR22 SERIES HIGH-PERFORMANCE COMPACT CIRCULAR CONNECTORS
logo
Gamewell-FCI by Honeywe...
1120-0575 GAMEWELL-FCI-1120-0575 Datasheet
69Kb / 1P
Quad Zone Unit Eight Zone Unit Eight Zone Daughter Board Eight Zone Annunciator Board
logo
Hirose Electric
HR22-12WTPA-20SC HIROSE-HR22-12WTPA-20SC_1 Datasheet
464Kb / 9P
HR22 SERIES HIGH-PERFORMANCE COMPACT CIRCULAR CONNECTORS
logo
Rohm
SML-M1 ROHM-SML-M1 Datasheet
1Mb / 4P
Compact LED with reflector
logo
Advantech Co., Ltd.
IPC-3026BP-15ZE ADVANTECH-IPC-3026BP-15ZE Datasheet
1,020Kb / 2P
Quiet Compact Chassis for Half Size SHB/SBC
logo
Japan Aviation Electron...
JB5 JAE-JB5 Datasheet
739Kb / 8P
Compact Push-Pull Circular Connector
logo
Rohm
SML-M13VT ROHM-SML-M13VT Datasheet
479Kb / 12P
Compact LED with reflector
logo
Hirose Electric
RM HIROSE-RM_18 Datasheet
522Kb / 13P
Multi-contact Compact Circular Connectors
logo
List of Unclassifed Man...
MB7052 ETC1-MB7052 Datasheet
307Kb / 4P
Filtering, Auto Calibration & Long-Range Narrow Detection Zone
logo
Advantech Co., Ltd.
IPC-3026 ADVANTECH-IPC-3026_V01 Datasheet
969Kb / 2P
Quiet Compact Chassis for Half-size SHB/SBC
5-Jul-2017
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com