Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STY-CATR-RER-0150-S1 Datasheet(PDF) 2 Page - Eravant

Part # STY-CATR-RER-0150-S1
Description  Ø6” Circular Quiet Zone, Rolled Edge Reflector For Compact Range
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

STY-CATR-RER-0150-S1 Datasheet(HTML) 2 Page - Eravant

  STY-CATR-RER-0150-S1 Datasheet HTML 1Page - Eravant STY-CATR-RER-0150-S1 Datasheet HTML 2Page - Eravant STY-CATR-RER-0150-S1 Datasheet HTML 3Page - Eravant STY-CATR-RER-0150-S1 Datasheet HTML 4Page - Eravant STY-CATR-RER-0150-S1 Datasheet HTML 5Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
STY-CATR-RER-0150-S1
www.eravant.com | 424-757-0168 | support@eravant.com
Copyright © 2024 by Eravant
2/5
Final Rev 1.2
Pattern Testing of SAR-2507-06-S1 with STY-CATR-RER-0150-S1 Reflector:
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
Boresight Angle (Degrees)
SAR-2507-06-S1, E-Plane Measured vs Simulated Pattern, 110 GHz
MEASURED, 110 GHz, E-PLANE
SIMULATED, 110 GHz, E-PLANE
-80
-70
-60
-50
-40
-30
-20
-10
0
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
Boresight Angle (Degrees)
SAR-2507-06-S1, H-Plane Measured vs Simulated Pattern, 110 GHz
MEASURED, 110 GHz, H-PLANE
SIMULATED, 110 GHz, H-PLANE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com