Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2621 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC2621
Description  500kHz Voltage Mode PWM Controller With Linear Power Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2621 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC2621 Datasheet HTML 2Page - Semtech Corporation SC2621 Datasheet HTML 3Page - Semtech Corporation SC2621 Datasheet HTML 4Page - Semtech Corporation SC2621 Datasheet HTML 5Page - Semtech Corporation SC2621 Datasheet HTML 6Page - Semtech Corporation SC2621 Datasheet HTML 7Page - Semtech Corporation SC2621 Datasheet HTML 8Page - Semtech Corporation SC2621 Datasheet HTML 9Page - Semtech Corporation SC2621 Datasheet HTML 10Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
 2003 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2621
Applications Information (Cont.)
and attenuate high frequency noise.
100
1K
10K
100K
1M
-60
-30
0
30
60
Fo
Fz
Fz1
Fz2
Fp1
Fp2
Fc
FR EQ UENCY (Hz )
COM PENSATOR GAI N
CON
VERT
ER G
AIN
LOO
P GA
IN
100
1K
10K
100K
1M
-60
-30
0
30
60
Fo
Fz
Fz1
Fz2
Fp1
Fp2
Fc
FR EQ UENCY (Hz )
COM PENSATOR GAI N
CON
VERT
ER G
AIN
LOO
P GA
IN
Fig. 4. Bode plots for control loop design
Rbot
Vo
C1
VREF
0.5V
R2
R3
Rtop
3
2
1
C2
C3
Vc
Fig. 5. Compensation network
The top resistor Rtop of the voltage divider in Fig. 5 can
be chosen from 1k to 5k. Then the bottom resistor Rbot
is found from:
top
O
bot
R
V
V
V
R
×
-
=
5
.
0
5
.
0
where 0.5V is the internal reference voltage of the
SC2621.
The other components of the compensator can be cal-
culated using following design procedure:
(1). Plot the converter gain, including LC filter and PWM
modulator.
(2). Select the open loop crossover frequency Fc located
at 10% to 20% of the switching frequency. At Fc, find the
required DC gain.
(3). Use the first compensator pole Fp1 to cancel the
ESR zero Fz.
(4). Have the second compensator pole Fp2 at half the
switching frequency to attenuate the switching ripple and
high frequency noise.
(5). Place the first compensator zero Fz1 at or below
50% of the power stage resonant frequency Fo.
(6). Place the second compensator zero Fz2 at or below
the power stage resonant frequency Fo.
A MathCAD program is available upon request for the
calculation of the compensation parameters.
LA
LA
LA
LA
LAYYYYYOUT GUIDELINES
OUT GUIDELINES
OUT GUIDELINES
OUT GUIDELINES
OUT GUIDELINES
The switching regulator is a high di/dt power circuit. Its
Printed Circuit Board (PCB) layout is critical. A good lay-
out can achieve an optimum circuit performance while
minimizing the component stress, resulting in better sys-
tem reliability. During PCB layout, the SC2621 controller,
MOSFETs, inductor, and power decoupling capacitors have
to be considered as a unit.
The following guidelines are typically recommended for
using the SC2621 controller.
(1). Place a 4.7uF to 10uF ceramic capacitor close to
the drain of top MOSFET for the high frequency and high
current decoupling. The loop formed by the capacitor,
the top and bottom MOSFETs must be as small as pos-
sible. Keep the input bulk capacitors close to the drain
of the top MOSFETs.
(2). Place the SC2621 over a quiet ground plane to avoid
pulsing current noise. Keep the ground return of the gate
drive short.
(3). Connect bypass capacitors as close as possible to
the decoupling pins (DRV and Vcc) to the ground pin GND.
The trace length of the decoupling capasitor on DRV pin
should be no more than 0.2” (5mm).
(4). Locate the components of the bootstrap circuit close
to the SC2621.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com