Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2621 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC2621
Description  500kHz Voltage Mode PWM Controller With Linear Power Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2621 Datasheet(HTML) 1 Page - Semtech Corporation

  SC2621 Datasheet HTML 1Page - Semtech Corporation SC2621 Datasheet HTML 2Page - Semtech Corporation SC2621 Datasheet HTML 3Page - Semtech Corporation SC2621 Datasheet HTML 4Page - Semtech Corporation SC2621 Datasheet HTML 5Page - Semtech Corporation SC2621 Datasheet HTML 6Page - Semtech Corporation SC2621 Datasheet HTML 7Page - Semtech Corporation SC2621 Datasheet HTML 8Page - Semtech Corporation SC2621 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
POWER MANAGEMENT
1
www.semtech.com
SC2621
500kHz Voltage Mode PWM Controller
With Linear Power Regulator
Features
Applications
December 17, 2004
Typical Application Circuit
Description
The SC2621 provides the control and protection features
necessary for a synchronous buck converter and a lin-
ear regulator in high performance graphic card applica-
tions.
The SC2621 is designed to directly drive the top and
bottom MOSFETs of the buck converter. It uses an inter-
nal 8.2V supply as the gate drive voltage for minimum
driver power loss and MOSFET switching loss. It allows
the converter to operate at 500kHz switching frequency
with 4V to 16V power rail and as low as 0.5V output. The
SC2621 is capable to drive a N-type MOSFET in a linear
regulator with as low as 0.5V output.
The SC2621 features soft-start, supply power under volt-
age lockout, and hiccup mode over current protection.
The SC2621 monitors the output current by using the
Rdson of the bottom MOSFET in the buck converter that
eliminates the need for a current sensing resistor. The
SC2621 is offered in a SOIC-14 package.
u 500kHz switching frequency
u 4V to 16V power rails
u Internal LDO for optimum gate drive voltage
u 1.5A gate drive current
u Programmable output voltages
u Internal soft start
u Power rail under voltage lockout
u Hiccup mode short circuit protection
u SOIC-14 package
u Graphics processor power supplies on PCI-Express
platform
u Embedded, low cost, high efficiency converters
u Point of load power supplies
1.5V OUT
+
+
1
2
2.5V OUT
3.3V IN
+
12V IN
SC2621
1
2
3
4
10
11
12
14
5
13
6
7
9
8
PN
LDOG
LDFB
OCS
DL
DRV
BST
DH
FB
NC
COMP
NC
GND
VCC


Similar Part No. - SC2621

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2621A SEMTECH-SC2621A Datasheet
363Kb / 14P
Voltage Mode PWM Controller With Linear Power Regulator
SC2621AEVB SEMTECH-SC2621AEVB Datasheet
363Kb / 14P
Voltage Mode PWM Controller With Linear Power Regulator
SC2621ASTRT SEMTECH-SC2621ASTRT Datasheet
363Kb / 14P
Voltage Mode PWM Controller With Linear Power Regulator
More results

Similar Description - SC2621

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1566 AIC-AIC1566 Datasheet
251Kb / 7P
4-bit DAC, Simple PWM Power Regulator With Linear Controller
AIC1567 AIC-AIC1567 Datasheet
237Kb / 7P
5-bit DAC, Synchronous PWM Power Regulator with Linear Controller
AIC1573 AIC-AIC1573 Datasheet
316Kb / 19P
5-bit DAC, Synchronous PWM Power Regulator with Simple PWM Power Regulator, LDO And Linear Controller
logo
Semtech Corporation
SC2621A SEMTECH-SC2621A Datasheet
363Kb / 14P
Voltage Mode PWM Controller With Linear Power Regulator
SC4614 SEMTECH-SC4614 Datasheet
466Kb / 14P
500kHz Voltage Mode PWM Controller
logo
Global Mixed-mode Techn...
G762 GMT-G762 Datasheet
309Kb / 1P
Fan Speed Controller with Linear or PWM Mode
logo
Anpec Electronics Corop...
APW8816 ANPEC-APW8816 Datasheet
565Kb / 26P
Single Buck PWM Controller With Linear Regulator
logo
Unisonic Technologies
U8021 UTC-U8021 Datasheet
189Kb / 6P
VOLTAGE MODE PWM CONTROLLER WITH LINEAR POWER REGULATOR
U8021 UTC-U8021_15 Datasheet
189Kb / 6P
VOLTAGE MODE PWM CONTROLLER WITH LINEAR POWER REGULATOR
logo
Global Mixed-mode Techn...
G764 GMT-G764 Datasheet
32Kb / 1P
Fan Speed Controller with Linear or PWM Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com