Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1470ITSTRT Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC1470ITSTRT
Description  Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1470ITSTRT Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC1470ITSTRT Datasheet HTML 4Page - Semtech Corporation SC1470ITSTRT Datasheet HTML 5Page - Semtech Corporation SC1470ITSTRT Datasheet HTML 6Page - Semtech Corporation SC1470ITSTRT Datasheet HTML 7Page - Semtech Corporation SC1470ITSTRT Datasheet HTML 8Page - Semtech Corporation SC1470ITSTRT Datasheet HTML 9Page - Semtech Corporation SC1470ITSTRT Datasheet HTML 10Page - Semtech Corporation SC1470ITSTRT Datasheet HTML 11Page - Semtech Corporation SC1470ITSTRT Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
8
 2005 Semtech Corp.
www.semtech.com
SC1470
POWER MANAGEMENT
Output Voltage Selection
The output voltage is set by the feedback resistors R3 &
R7 of Figure 2 below. The internal reference is 1.5V, so
the voltage at the feedback pin is multiplied by three to
match
the
1.5V
reference.
Therefore
the
output can be set to a minimum of 0.5V. The equation
for setting the output voltage is:
5
.
0
7
R
3
R
1
V
OUT
•
 +
=
R3
20k0
R7
14k3
EN/PSV
1
TON
2
VOUT
3
VCCA
4
FB
5
PGD
6
VSSA
7
PGND
8
DL
9
VDDP
10
ILIM
11
LX
12
DH
13
BST
14
U1
SC1470
VOUT
0402
0402
C5
56p
0402
Figure 2: Setting The Output Voltage
Current Limit Circuit
Current limiting of the SC1470 can be accomplished in
two ways. The on-state resistance of the low-side MOSFET
can be used as the current sensing element or sense
resistors in series with the low-side source can be used
if greater accuracy is desired. R
DS(ON) sensing is more
efficient and less expensive. In both cases, the R
ILIM
resistor between the ILIM pin and LX pin sets the over
current threshold. This resistor R
ILIM is connected to a
10µA current source within the SC1470 which is turned
on when the low side MOSFET turns on. When the
voltage drop across the sense resistor or low side
MOSFET equals the voltage across the RILIM resistor,
positive current limit will activate. The high side MOSFET
will not be turned on until the voltage drop across the
sense element (resistor or MOSFET) falls below the
voltage across the R
ILIM resistor. In an extreme over-
current situation, the top MOSFET will never turn back
on and eventually the part will latch off due to output
undervoltage (see Output Undervoltage Protection).
The current sensing circuit actually regulates the
inductor valley current (see Figure 3). This means that if
the current limit is set to 10A, the peak current through
the inductor would be 10A plus the peak ripple current,
and the average current through the inductor would be
10A plus 1/2 the peak-to-peak ripple current. The
equations for setting the valley current and calculating
the average current through the inductor are shown
below:
ILIMIT
ILOAD
IPEAK
TIME
Valley Current-Limit Threshold Point
Figure 3: Valley Current Limiting
The equation for the current limit threshold is as follows:
A
R
R
10e
I
SENSE
ILIM
6
-
LIMIT
•
=
Where (referring to Figure 4 on Page 15) R
ILIM is R4 and
R
SENSE is the RDS(ON) of Q2.
For resistor sensing, a sense resistor is placed between
the source of Q2 and PGND. The current through the
source sense resistor develops a voltage that opposes
the voltage developed across R
ILIM. When the voltage
developed across the R
SENSE resistor reaches the voltage
drop across R
ILIM, a positive over-current exists and the
high side MOSFET will not be allowed to turn on. When
using an external sense resistor R
SENSE is the resistance
of the sense resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com