Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1470ITSTRT Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC1470ITSTRT
Description  Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1470ITSTRT Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC1470ITSTRT Datasheet HTML 12Page - Semtech Corporation SC1470ITSTRT Datasheet HTML 13Page - Semtech Corporation SC1470ITSTRT Datasheet HTML 14Page - Semtech Corporation SC1470ITSTRT Datasheet HTML 15Page - Semtech Corporation SC1470ITSTRT Datasheet HTML 16Page - Semtech Corporation SC1470ITSTRT Datasheet HTML 17Page - Semtech Corporation SC1470ITSTRT Datasheet HTML 18Page - Semtech Corporation SC1470ITSTRT Datasheet HTML 19Page - Semtech Corporation SC1470ITSTRT Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
16
 2005 Semtech Corp.
www.semtech.com
SC1470
POWER MANAGEMENT
The layout can be considered in two parts, the control section referenced to VSSA and the power section. Looking
at the control section first, locate all components referenced to VSSA on the schematic and place these components
at the chip. Connect VSSA using either a wide (>0.020”) trace or a copper pour if room allows. Very little current
flows in the chip ground therefore large areas of copper are not needed.
C10
1uF
R3
20k0
R7
14k3
EN/PSV
1
TON
2
VOUT
3
VCCA
4
FB
5
PGD
6
VSSA
7
PGND
8
DL
9
VDDP
10
ILIM
11
LX
12
DH
13
BST
14
U1
SC1470
VOUT
C8
1nF
R1
1M
5VSUS
PGOOD
VBAT
C9
1uF
5VSUS
R2
10R
0402
0402
0402
0402
C5
56p
0402
0603
0402
0603
Figure 5: Components Connected to VSSA
Figure 6: Example VSSA 0.020” Trace
In Figure 6 above, all components referenced to VSSA have been placed and have been connected using a 0.020”
trace. Decoupling capacitors C9 and C10 are as close as possible to their pins. C9 should connect to the ground
plane using two vias.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com