Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1101 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1101
Description  Asynchronous Voltage Mode PWM Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1101 Datasheet(HTML) 1 Page - Semtech Corporation

  SC1101 Datasheet HTML 1Page - Semtech Corporation SC1101 Datasheet HTML 2Page - Semtech Corporation SC1101 Datasheet HTML 3Page - Semtech Corporation SC1101 Datasheet HTML 4Page - Semtech Corporation SC1101 Datasheet HTML 5Page - Semtech Corporation SC1101 Datasheet HTML 6Page - Semtech Corporation SC1101 Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
POWER MANAGEMENT
1
www.semtech.com
SC1101
Asynchronous Voltage
Mode PWM Controller
Features
Applications
Revision: May 25, 2005
Typical Application Circuit
Description
Low cost / small size
Switch mode efficiency up to 95%
1% reference voltage accuracy
Over current protection
500mA output drive
SO-8 package
Pentium® P55 Core Supply
Low Cost Microprocessor Supplies
Peripheral Card Supplies
Industrial Power Supplies
High Density DC/DC Conversion
The SC1101 is a versatile, low-cost, voltage-mode PWM
controller designed for low output voltage DC/DC power
supply applications. A simple, fixed-voltage buck
regulator can be implemented using the SC1101 with a
minimum of external components. Internal level shift and
drive circuitry eliminates the need for an expensive
p-channel, high-side switch. The small device footprint
allows for compact circuit design.
SC1101 features include a temperature compensated
voltage reference, triangle wave oscillator, current limit
comparator, frequency shift over-current protection, and
an internally compensated error amplifier. Pulse by pulse
current limiting is implemented by sensing the
differential voltage across an external resistor, or an
appropriately sized PC board trace.
The SC1101 operates at a fixed frequency of 200kHz,
providing an optimum compromise between efficiency,
external component size, and cost.
Q1
IRLR3103
R4
2.2
R2
1k
D2
MBRD1035L
R1
10
L1
4uH
C8
330/2.5V
C9
330/2.5V
C10
330/2.5V
C3
150/6.3V
C2
150/6.3V
C5
0.001
R7
127
R6
76.8 *see note
C1
1.0
C6
0.01
+
+5V
GND
C7
0.1
C11
1.0
R5
0.05
R3
1k
GND
VCC
1
CS(-)
2
CS(+)
3
PGND
4
DH
5
BST
6
FB
7
GND
8
U1
SC1101
* NOTE:
R6 = R7 x (Vout/1.25 - 1) rounded to nearest 1%value
C4
0.1
Vout = 2V @ 10A
+12V


Similar Part No. - SC1101

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1101 SEMTECH-SC1101 Datasheet
96Kb / 8P
VOLTAGE MODE PWM CONTROLLER
logo
List of Unclassifed Man...
SC11014 ETC-SC11014 Datasheet
992Kb / 21P
300 / 1200 Bit Per Second Modem
logo
Semtech Corporation
SC1101CS SEMTECH-SC1101CS Datasheet
96Kb / 8P
VOLTAGE MODE PWM CONTROLLER
More results

Similar Description - SC1101

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1101 SEMTECH-SC1101 Datasheet
96Kb / 8P
VOLTAGE MODE PWM CONTROLLER
SC1103 SEMTECH-SC1103 Datasheet
97Kb / 8P
VOLTAGE MODE PWM CONTROLLER
logo
Fairchild Semiconductor
FAN7556 FAIRCHILD-FAN7556 Datasheet
243Kb / 10P
Voltage Mode PWM Controller
logo
List of Unclassifed Man...
AP494 ETC-AP494 Datasheet
175Kb / 8P
VOLTAGE MODE PWM CONTROLLER
logo
Microsemi Corporation
LX1684 MICROSEMI-LX1684 Datasheet
294Kb / 12P
Voltage-Mode PWM Controller
logo
Taiwan Semiconductor Co...
TS494 TSC-TS494 Datasheet
138Kb / 7P
Voltage Mode PWM Controller
logo
Semtech Corporation
SC1103 SEMTECH-SC1103_05 Datasheet
199Kb / 7P
Asynchronous Voltage Mode PWM Controller for 12V Input
logo
Global Mixed-mode Techn...
G5320 GMT-G5320 Datasheet
66Kb / 1P
Asynchronous Voltage Mode Controller
logo
Shaoxing Devechip Micro...
SDC2921 SDC-SDC2921 Datasheet
402Kb / 13P
Voltage Mode PWM Controller
SDC7500 SDC-SDC7500 Datasheet
308Kb / 10P
Voltage Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com