Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA849 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # INA849
Description  PGA849 Low-Noise, Wide-Bandwidth, Precision Programmable Gain Instrumentation Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA849 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA849 Datasheet HTML 9Page - Texas Instruments INA849 Datasheet HTML 10Page - Texas Instruments INA849 Datasheet HTML 11Page - Texas Instruments INA849 Datasheet HTML 12Page - Texas Instruments INA849 Datasheet HTML 13Page - Texas Instruments INA849 Datasheet HTML 14Page - Texas Instruments INA849 Datasheet HTML 15Page - Texas Instruments INA849 Datasheet HTML 16Page - Texas Instruments INA849 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
6.6 Typical Characteristics (continued)
at TA = 25°C, VS = VSOUT = ±15V, VICM = VREF = 0V, RL = 10kΩ connected to ground, and G =1V/V (unless otherwise noted)
Time (1s/div)
Typical unit shown
G = 16V/V
Figure 6-31. 0.1Hz to 10Hz Voltage Noise (RTI)
Frequency (Hz)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
100m
1
10
100
1k
10k
100k
G = 1V/V
.
Figure 6-32. Current Noise Spectral Density vs Frequency
Time (1 s/div)
Typical unit shown
G = 1V/V
Figure 6-33. 0.1Hz to 10Hz Current Noise
Gain Error (%)
0
10
20
30
40
-0.07
-0.05
-0.03
-0.01
0.01
0.03
0.05
0.07
N = 1767
Mean = –0.0017%
Std. dev. = 0.0074%
G = 0.125V/V
Figure 6-34. Distribution of Gain Error
N = 10032
Mean = –0.0016%
Std. dev. = 0.0025%
G = 1V/V
Figure 6-35. Distribution of Gain Error
Gain Error (%)
0
5
10
15
20
25
30
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
0.08
N = 1767
Mean = 0.0124%
Std. dev. = 0.0098%
G = 16V/V
Figure 6-36. Distribution of Gain Error
www.ti.com
PGA849
SBOSAG3A – MARCH 2024 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: PGA849



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com