Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA849 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # INA849
Description  PGA849 Low-Noise, Wide-Bandwidth, Precision Programmable Gain Instrumentation Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA849 Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA849 Datasheet HTML 13Page - Texas Instruments INA849 Datasheet HTML 14Page - Texas Instruments INA849 Datasheet HTML 15Page - Texas Instruments INA849 Datasheet HTML 16Page - Texas Instruments INA849 Datasheet HTML 17Page - Texas Instruments INA849 Datasheet HTML 18Page - Texas Instruments INA849 Datasheet HTML 19Page - Texas Instruments INA849 Datasheet HTML 20Page - Texas Instruments INA849 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
6.6 Typical Characteristics (continued)
at TA = 25°C, VS = VSOUT = ±15V, VICM = VREF = 0V, RL = 10kΩ connected to ground, and G =1V/V (unless otherwise noted)
VIN = 250mVPP
Figure 6-55. Gain Switching Transient Response
Frequency (Hz)
-140
-130
-120
-110
-100
-90
-80
10
100
1k
10k
G = 0.125
G = 1
G = 16
10Hz to 22kHz band-pass filter
VOUTDIFF > 2.5VPP
Figure 6-56. Total Harmonic Distortion + Noise vs Frequency
Frequency (Hz)
-120
-110
-100
-90
-80
-70
-60
10
100
1k
10k
G = 0.125
G = 1
G = 16
10Hz to 500kHz band-pass filter
VOUTDIFF > 2.5VPP
Figure 6-57. Total Harmonic Distortion + Noise vs Frequency
Frequency (Hz)
-140
-135
-130
-125
-120
-115
-110
-105
-100
-95
10
100
1k
10k
G = 0.125
G = 1
G = 16
10Hz to 500kHz band-pass filter
VOUTDIFF > 2.5VPP
Figure 6-58. 2nd Harmonic Distortion vs Frequency
Frequency (Hz)
-160
-150
-140
-130
-120
-110
-100
-90
-80
10
100
1k
10k
G = 0.125
G = 1
G = 16
10Hz to 500kHz band-pass filter
VOUTDIFF > 2.5VPP
Figure 6-59. 3rd Harmonic Distortion vs Frequency
G = 1V/V
Figure 6-60. Closed-Loop Output Impedance vs Frequency
www.ti.com
PGA849
SBOSAG3A – MARCH 2024 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: PGA849



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com