Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1102 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC1102
Description  Synchronous Voltage Mode Controller for Distributed Power Supply Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1102 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC1102_06 Datasheet HTML 3Page - Semtech Corporation SC1102_06 Datasheet HTML 4Page - Semtech Corporation SC1102_06 Datasheet HTML 5Page - Semtech Corporation SC1102_06 Datasheet HTML 6Page - Semtech Corporation SC1102_06 Datasheet HTML 7Page - Semtech Corporation SC1102_06 Datasheet HTML 8Page - Semtech Corporation SC1102_06 Datasheet HTML 9Page - Semtech Corporation SC1102_06 Datasheet HTML 10Page - Semtech Corporation SC1102_06 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1102/SC1102A
Application Circuit
Typical 12V Application Circuit with Bootstrapped BSTH
VCC
1
PWRGD
2
OVP
3
OCSET
4
PHASE
5
DRVH
6
PGND
7
DRVL
8
BSTL
9
BSTH
10
SENSE
11
VREF
12
SS/SHDN
13
GND
14
U1
SC1102
Q1
STP40NE
Q2
STP40NE
R5
3.9
D3
MBRD1035
R4
10
L1
4uH
D2
MBRA130
C9
1.0
C10
180/4V
C11
180/4V
C12
180/4V
C13
180/4V
C7
270/16V
C6
270/16V
R1
1k
R3
1k
C2
0.1
C3
0.1
C1
opt.
R2
1.74k
PWRGD
OVP
SHDN
VREF
+
_
+
_
Vin 12V
Vout=3.3V*
R8
127
R9
205*
NOTE:
*) Vout = 1.265 x (1+R9/R8)
+5V
D1
MBR0520
R6
2.2
C4
1.0
C5
10.0
Optional
C14
180/4V
C8
270/16V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com