Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1102 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC1102
Description  Synchronous Voltage Mode Controller for Distributed Power Supply Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1102 Datasheet(HTML) 2 Page - Semtech Corporation

  SC1102_06 Datasheet HTML 1Page - Semtech Corporation SC1102_06 Datasheet HTML 2Page - Semtech Corporation SC1102_06 Datasheet HTML 3Page - Semtech Corporation SC1102_06 Datasheet HTML 4Page - Semtech Corporation SC1102_06 Datasheet HTML 5Page - Semtech Corporation SC1102_06 Datasheet HTML 6Page - Semtech Corporation SC1102_06 Datasheet HTML 7Page - Semtech Corporation SC1102_06 Datasheet HTML 8Page - Semtech Corporation SC1102_06 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1102/SC1102A
Electrical Characteristics
Absolute Maximum Ratings
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sm
u
m
i
x
a
Ms
t
i
n
U
D
N
G
o
t
L
T
S
B
,
C
C
VV
N
I
4
1
o
t
0
.
1
-V
D
N
G
o
t
D
N
G
P
5
.
0
±V
D
N
G
o
t
E
S
A
H
P
)
1
(
8
1
o
t
5
.
0
-V
E
S
A
H
P
o
t
H
T
S
B
4
1V
e
s
a
C
o
t
n
o
it
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
θ
C
J
5
4W
/
C
°
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
θ
A
J
5
1
1W
/
C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
OT
A
0
7
o
t
0C
°
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
m
u
m
i
x
a
MT
J
5
2
1C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
6
-C
°
.
c
e
S
0
1
)
g
n
ir
e
d
l
o
S
(
e
r
u
t
a
r
e
p
m
e
T
d
a
e
LT
D
A
E
L
0
0
3C
°
Unless specified: V
CC = 4.75V to 12.6V; GND = PGND = 0V; FB = VO; VBSTL = 12V; VBSTH-PHASE = 12V; TJ = 25
o
C
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
y
l
p
p
u
S
r
e
w
o
P
e
g
a
tl
o
V
y
l
p
p
u
SC
C
V2
.
46
.
2
1V
t
n
e
r
r
u
C
y
l
p
p
u
SC
C
V
=
N
E6
0
1A
m
n
o
it
a
l
u
g
e
R
e
n
i
LV
5
.
2
=
O
V5
.
0%
r
e
i
f
il
p
m
A
r
o
r
r
E
)
L
O
A
(
n
i
a
G
5
3B
d
s
a
i
B
t
u
p
n
I
58
A
µ
r
o
t
a
ll
i
c
s
O
y
c
n
e
u
q
e
r
F
r
o
t
a
ll
i
c
s
O2
0
1
1
C
S0
7
10
0
20
3
2z
H
k
A
2
0
1
1
C
S5
2
40
0
55
7
5
e
l
c
y
C
y
t
u
D
x
a
M
r
o
t
a
ll
i
c
s
O0
95
9%
s
r
e
v
i
r
D
T
E
F
S
O
M
k
n
i
S
/
e
c
r
u
o
S
H
D,
V
5
.
4
=
H
D
-
H
T
S
B
V
2
=
E
S
A
H
P
-
H
D
1A
k
n
i
S
/
e
c
r
u
o
S
L
D.
V
5
.
4
=
L
D
-
L
T
S
B
V
2
=
.
D
N
G
P
-
L
D
1A
Note: (1) -1.5V to 20V for 25ns repetitive every cycle.
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters specified
in the Electrical Characteristics section is not implied. Exposure to Absolute Maximum rated conditions for extended periods of time may affect device
reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com