Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1480AITSTRT Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC1480AITSTRT
Description  DDR and DDR Memory VTT power Supply Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1480AITSTRT Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC1480AITSTRT Datasheet HTML 9Page - Semtech Corporation SC1480AITSTRT Datasheet HTML 10Page - Semtech Corporation SC1480AITSTRT Datasheet HTML 11Page - Semtech Corporation SC1480AITSTRT Datasheet HTML 12Page - Semtech Corporation SC1480AITSTRT Datasheet HTML 13Page - Semtech Corporation SC1480AITSTRT Datasheet HTML 14Page - Semtech Corporation SC1480AITSTRT Datasheet HTML 15Page - Semtech Corporation SC1480AITSTRT Datasheet HTML 16Page - Semtech Corporation SC1480AITSTRT Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
13
 2003 Semtech Corp.
www.semtech.com
SC1480A
POWER MANAGEMENT
Applications Information (Cont.)
T
A = ambient temperature (°C)
P
D = power dissipation in (W)
θ
JA = thermal impedance junction to ambient from
absolute maximum ratings (°C/W)
The power dissipation may be calculated as follows:
W
f
Q
V
I
VCCA
P
g
g
VCCA
D
•
•
+
•
=
Where:
VCCA = chip supply voltage (V)
I
VCCA = operating current (A)
V
g = gate drive voltage, typically 5V (V)
Q
g = .ET gate charge, from the .ET datasheet (C)
f = switching frequency (kHz)
Inserting the following values as an example:
T
A = 85°C
θ
JA = 100°C/W
VCCA = 5V
I
VCCA = 1100µA (data sheet maximum)
V
g = 5V
Q
g = 60nC
f = 342kHz
gives us:
W
108
.
0
10
342
10
60
5
10
1100
5
P
3
9
6
D
=
•
•
•
•
+
•
•
=
−
−
and
C
8
.
95
100
108
.
0
85
T
J
°
=
•
+
=
As can be seen, the heating effects due to internal power
dissipation are practically negligible, thus requiring no
special consideration thermally during layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com