Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1480AITSTRT Datasheet(PDF) 21 Page - Semtech Corporation

Part # SC1480AITSTRT
Description  DDR and DDR Memory VTT power Supply Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1480AITSTRT Datasheet(HTML) 21 Page - Semtech Corporation

Back Button SC1480AITSTRT Datasheet HTML 15Page - Semtech Corporation SC1480AITSTRT Datasheet HTML 16Page - Semtech Corporation SC1480AITSTRT Datasheet HTML 17Page - Semtech Corporation SC1480AITSTRT Datasheet HTML 18Page - Semtech Corporation SC1480AITSTRT Datasheet HTML 19Page - Semtech Corporation SC1480AITSTRT Datasheet HTML 20Page - Semtech Corporation SC1480AITSTRT Datasheet HTML 21Page - Semtech Corporation SC1480AITSTRT Datasheet HTML 22Page - Semtech Corporation SC1480AITSTRT Datasheet HTML 23Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
21
 2003 Semtech Corp.
www.semtech.com
SC1480A
POWER MANAGEMENT
Typical Characteristics (Cont.)
Startup, RE.IN Going 0V to 0.9V
Trace 1: VTT, 0.5V/div.
Trace 2: LX, 20V/div.
Trace 3: RE.OUT, 1V/div.
Trace 4: RE.IN, 1V/div.
Timebase: 400µs/div.
V
BAT = 8V
Please refer to .igure 3 on Page 14 for test schematic
Startup, RE.IN Going 0V to 0.9V Showing PGD
Trace 1: VTT, 0.5V/div.
Trace 2: LX, 20V/div.
Trace 3: RE.OUT, 1V/div.
Trace 4: PGD, 5V/div.
Timebase: 400µs/div.
V
BAT = 8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com