Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP126 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # TIP126
Description  Si-Epitaxial Planar Darlington Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

TIP126 Datasheet(HTML) 1 Page - Diotec Semiconductor

  TIP126 Datasheet HTML 1Page - Diotec Semiconductor TIP126 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TIP125 ... TIP127
TIP125 ... TIP127
PNP
Si-Epitaxial Planar Darlington Power Transistors
Si-Epitaxial Planar Darlington-Leistungs-Transistoren
PNP
Version 2006-10-17
Dimensions - Maße [mm]
1 = B
2/4 = C
3 = E
Max. power dissipation with cooling
Max. Verlustleistung mit Kühlung
65 W
Collector current
Kollektorstrom
5 A
Plastic case
Kunststoffgehäuse
TO-220AB
Weight approx.
Gewicht ca.
2.2 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging in tubes
Standard Lieferform in Stangen
Maximum ratings (TA = 25°C)
Grenzwerte (TA = 25°C)
TIP125
TIP126
TIP127
Collector-Emitter-volt. – Kollektor-Emitter-Spg.
B open
- VCEO
60 V
80 V
100 V
Collector-Base-voltage – Kollektor-Basis-Spg.
E open
- VCBO
60 V
80 V
100 V
Emitter-Base-voltage – Emitter-Basis-Spannung
C open
- VEBO
5 V
Power dissipation – Verlustleistung
without cooling – ohne Kühlung
with cooling – mit Kühlung
TA = 25°C
TC = 25°C
Ptot
Ptot
2 W 1)
65 W
Collector current – Kollektorstrom (dc)
- IC
5 A
Peak Collector current – Kollektor-Spitzenstrom
- ICM
8 A
Base current – Basisstrom (dc)
- IB
120 mA
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-55...+150°C
-55…+150°C
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Min.
Typ.
Max.
DC current gain – Kollektor-Basis-Stromverhältnis 2)
- IC = 0.5 A, - VCE = 3 V
- IC = 3 A, - VCE = 3 V
hFE
hFE
1000
1000
–
–
–
–
Small signal current gain – Kleinsignal-Stromverstärkung
- IC = 3 A, - VCE = 4 V, f = 1 MHz
hfe
4
1
Valid, if leads are kept at ambient temperature at a distance of 5 mm from case
Gültig wenn die Anschlussdrähte in 5 mm Abstand vom Gehäuse auf Umgebungstemperatur gehalten werden
2
Tested with pulses tp = 300 µs, duty cycle ≤ 2% – Gemessen mit Impulsen tp = 300 µs, Schaltverhältnis ≤ 2%
© Diotec Semiconductor AG
http://www.diotec.com/
1
3.8
2.54
0.9
1.5
10±0.2
4
3
2
1
Type
Typ


Similar Part No. - TIP126

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP126 MOSPEC-TIP126 Datasheet
206Kb / 4P
POWER TRANSISTORS(5.0A,60-100V,65W)
logo
Motorola, Inc
TIP126 MOTOROLA-TIP126 Datasheet
251Kb / 6P
DARLINGTON 5 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Power Innovations Ltd
TIP126 POINN-TIP126 Datasheet
105Kb / 6P
PNP SILICON POWER DARLINGTONS
logo
STMicroelectronics
TIP126 STMICROELECTRONICS-TIP126 Datasheet
53Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Mar-2000
logo
Samsung semiconductor
TIP126 SAMSUNG-TIP126 Datasheet
242Kb / 6P
PNP (MEDIUM POWER LINEAR SWITCHING APPLICATIONS)
More results

Similar Description - TIP126

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD946 PANASONIC-2SD946 Datasheet
262Kb / 6P
SI NPN EPITAXIAL PLANAR DARLINGTON
logo
List of Unclassifed Man...
2SB750 ETC-2SB750 Datasheet
58Kb / 1P
Si PNP Epitaxial Planar Darlington
logo
Panasonic Semiconductor
2SC1547 PANASONIC-2SC1547 Datasheet
235Kb / 6P
2SB970 Si PNP EPITAXIAL PLANAR / 2SB977 2SB977A Si PNP EPITAXIAL PLANAR DARLINGTON / 2SC1547 Si NPN PLANAR
logo
Diotec Semiconductor
BCX38B DIOTEC-BCX38B Datasheet
108Kb / 2P
Si-Epitaxial Planar Darlington-Transistors
PN2907 DIOTEC-PN2907 Datasheet
96Kb / 2P
Si-Epitaxial Planar Switching Transistors
TIP120 DIOTEC-TIP120_07 Datasheet
110Kb / 2P
Si-Epitaxial Planar Darlington Power Transistors
logo
TRANSYS Electronics Lim...
MPSA13 TEL-MPSA13 Datasheet
86Kb / 2P
NPN EPITAXIAL PLANAR DARLINGTON TRANSISTORS
logo
Diotec Semiconductor
2N3904 DIOTEC-2N3904 Datasheet
96Kb / 2P
Si-Epitaxial-Planar Switching Transistors
2N3906 DIOTEC-2N3906 Datasheet
103Kb / 2P
Si-Epitaxial-Planar Switching Transistors
logo
Continental Device Indi...
MPSA13 CDIL-MPSA13 Datasheet
298Kb / 3P
NPN EPITAXIAL PLANAR DARLINGTON TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com