Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1104B Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC1104B
Description  Simple, Synchronous Voltage Mode PWM Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1104B Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC1104B Datasheet HTML 6Page - Semtech Corporation SC1104B Datasheet HTML 7Page - Semtech Corporation SC1104B Datasheet HTML 8Page - Semtech Corporation SC1104B Datasheet HTML 9Page - Semtech Corporation SC1104B Datasheet HTML 10Page - Semtech Corporation SC1104B Datasheet HTML 11Page - Semtech Corporation SC1104B Datasheet HTML 12Page - Semtech Corporation SC1104B Datasheet HTML 13Page - Semtech Corporation SC1104B Datasheet HTML 14Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1104A/B
5V = Vin
2V = Vout
12A = Iout
Typical Characteristics (Cont.)
60%
65%
70%
75%
80%
85%
90%
95%
100%
02
468
10
12
Current, A
-1.0%
-0.8%
-0.6%
-0.4%
-0.2%
0.0%
0.2%
0.4%
0.6%
0.8%
1.0%
02
46
8
10
12
Current, A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com