Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1104B Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC1104B
Description  Simple, Synchronous Voltage Mode PWM Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1104B Datasheet(HTML) 3 Page - Semtech Corporation

  SC1104B Datasheet HTML 1Page - Semtech Corporation SC1104B Datasheet HTML 2Page - Semtech Corporation SC1104B Datasheet HTML 3Page - Semtech Corporation SC1104B Datasheet HTML 4Page - Semtech Corporation SC1104B Datasheet HTML 5Page - Semtech Corporation SC1104B Datasheet HTML 6Page - Semtech Corporation SC1104B Datasheet HTML 7Page - Semtech Corporation SC1104B Datasheet HTML 8Page - Semtech Corporation SC1104B Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1104A/B
Electrical Characteristics
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
e
g
a
tl
o
V
k
a
e
P
p
m
a
R
)
1
(
V
K
-
P
V
5
7
.
4
≤ V
C
C
≤
V
6
.
2
10
.
2V
e
g
a
tl
o
V
y
e
ll
a
V
p
m
a
R
)
1
(
V
V
V
5
7
.
4
≤ V
C
C
≤
V
6
.
2
10
.
1V
e
l
c
y
C
y
t
u
D
m
u
m
i
x
a
M
)
2
(
c
d
X
A
M
V
C
C
)
A
4
0
1
1
C
S
,
z
H
k
0
0
3
(
V
2
1
=0
95
9%
V
C
C
)
B
4
0
1
1
C
S
,
z
H
k
0
0
6
(
V
5
=5
80
9
s
r
e
v
i
r
D
T
E
F
S
O
M
t
n
e
r
r
u
C
e
c
r
u
o
S
/
k
n
i
S
H
D
A
4
0
1
1
C
S
I
H
D
t
,
%
2
<
.
c
.
d
W
P
s
µ
0
0
1
<
V
S
G
)
c
r
s
(
V
5
.
4
=
V
S
G
)
k
n
s
(
V
5
.
2
=
6
.
08
.
0A
t
n
e
r
r
u
C
e
c
r
u
o
S
/
k
n
i
S
L
D
A
4
0
1
1
C
S
I
L
D
6
.
07
.
0
t
n
e
r
r
u
C
e
c
r
u
o
S
/
k
n
i
S
H
D
B
4
0
1
1
C
S
I
H
D
t
,
%
2
<
.
c
.
d
W
P
s
µ
0
0
1
<
V
S
G
)
c
r
s
(
V
5
.
4
=
V
S
G
)
k
n
s
(
V
5
.
2
=
5
4
.
06
.
0A
t
n
e
r
r
u
C
e
c
r
u
o
S
/
k
n
i
S
L
D
B
4
0
1
1
C
S
I
L
D
5
4
.
06
.
0
e
m
i
T
ll
a
F
/
e
s
i
R
H
Dft
,r
tC
L
2
.
g
i
F
e
e
S
,
F
p
0
0
0
3
=0
5s
n
e
m
i
T
ll
a
F
/
e
s
i
R
L
Dft
,r
tC
L
2
.
g
i
F
e
e
S
,
F
p
0
0
0
4
=0
5
e
m
i
T
d
a
e
Dt
t
d
2
.
g
i
F
e
e
S0
8s
n
e
m
i
T
ff
O
m
u
m
i
n
i
M
H
Dt
F
F
O
V
5
7
.
4
≤
c
c
V
≤
V
6
.
2
10
6
1
n
o
i
t
c
e
S
e
c
n
e
r
e
f
e
R
e
g
a
tl
o
V
e
c
n
e
r
e
f
e
RV
F
E
R
V
5
7
.
4
≤
c
c
V
≤
V
6
.
2
10
9
9
.
00
0
0
.
10
1
0
.
1V
e
c
n
a
ir
a
V
p
m
e
T
∆V
F
E
R
T
<
0
J
C
°
0
7
+
<1
-1
%
T
<
0
4
-
J
C
°
5
8
+
<5
.
1
-5
.
1
y
ti
li
b
a
t
S
m
r
e
T
g
n
o
LT
J
.
s
r
h
0
0
0
1
,
C
°
5
2
1
=5
V
m
t
i
m
i
L
t
n
e
r
r
u
C
e
g
a
tl
o
V
p
ir
TV
P
I
R
T
V
5
7
.
4<
c
c
V<
V
6
.
2
1
V
p
r
t
V
-
c
c
V
=
E
S
A
H
P
0
8
10
0
20
2
2V
m
e
l
b
a
n
E
/
t
r
a
t
S
-
t
f
o
S
t
n
e
r
r
u
C
e
c
r
u
o
S
S
SI
C
R
S
V
P
M
O
C
V
5
.
2
<5
.
08
.
1A
µ
t
n
e
r
r
u
C
k
n
i
S
S
SI
K
N
S
V
P
M
O
C
V
5
.
0
>5
.
08
.
1A
µ
d
l
o
h
s
e
r
h
T
t
u
p
n
I
e
l
b
a
n
E
0
0
.
15
3
.
1V
t
n
e
r
r
u
C
t
u
p
n
I
e
l
b
a
n
EV
P
M
O
C
V
8
.
0
=2
A
m
Unless specified: A: V
CC = 12 ± 0.6V, VBST = 23 ± 1V, VOUT = 3.3V, TJ = TA = 25
o
C. B: V
CC = 5 ± 0.25V, VBST = 12 ± 0.6V, VOUT = 2.0V, TJ = TA = 25
o
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com