Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C8051F331 Datasheet(PDF) 21 Page - Silicon Laboratories

Part # C8051F331
Description  Mixed Signal ISP Flash MCU Family
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F331 Datasheet(HTML) 21 Page - Silicon Laboratories

Back Button C8051F331 Datasheet HTML 17Page - Silicon Laboratories C8051F331 Datasheet HTML 18Page - Silicon Laboratories C8051F331 Datasheet HTML 19Page - Silicon Laboratories C8051F331 Datasheet HTML 20Page - Silicon Laboratories C8051F331 Datasheet HTML 21Page - Silicon Laboratories C8051F331 Datasheet HTML 22Page - Silicon Laboratories C8051F331 Datasheet HTML 23Page - Silicon Laboratories C8051F331 Datasheet HTML 24Page - Silicon Laboratories C8051F331 Datasheet HTML 25Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 216 page
background image
Rev. 1.5
21
C8051F330/1/2/3/4/5
Figure 1.5. C8051F334 Block Diagram
Figure 1.6. C8051F335 Block Diagram
Port 0
Latch
UART
2 kB
FLASH
256 byte
SRAM
POR
SFR Bus
8
0
5
1
C
o
r
e
Timer 0,
1, 2, 3
3-Chnl
PCA/
WDT
10-bit 200
ksps ADC
A
M
U
X
AIN0-AIN15
P
0
D
r
v
VDD
X
B
A
R
Reset
XTAL1
XTAL2
External
Oscillator
Circuit
System Clock
24.5 MHz (2%)
Internal
Oscillator
Analog/Digital
Power
Debug HW
VREF
SMBus
C2D
C2D
CP0
+
-
Temp
P0.0/VREF
P0.1
P0.2/XTAL1
P0.3/XTAL2
P0.4/TX
P0.5/RX
P0.6/CNVST
P0.7
VDD
GND
/RST/C2CK
Brown-
Out
P
1
D
r
v
P1.0
P1.1
P1.2
P1.3
P1.4
P1.5
P1.6
P1.7
SPI
Port 1
Latch
512 byte
XRAM
P2.0/C2D
Port 2
Latch
VREF
80 kHz
Internal
Oscillator
Port 0
Latch
UART
2 kB
FLASH
256 byte
SRAM
POR
SFR Bus
8
0
5
1
C
o
r
e
Timer 0,
1, 2, 3
3-Chnl
PCA/
WDT
P
0
D
r
v
X
B
A
R
Reset
XTAL1
XTAL2
External
Oscillator
Circuit
System Clock
24.5 MHz (2%)
Internal
Oscillator
Analog/Digital
Power
Debug HW
SMBus
C2D
C2D
CP0
+
-
P0.0
P0.1
P0.2/XTAL1
P0.3/XTAL2
P0.4/TX
P0.5/RX
P0.6
P0.7
VDD
GND
/RST/C2CK
Brown-
Out
P
1
D
r
v
P1.0
P1.1
P1.2
P1.3
P1.4
P1.5
P1.6
P1.7
SPI
Port 1
Latch
512 byte
XRAM
P2.0/C2D
Port 2
Latch
80 kHz
Internal
Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com