Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C8051F331 Datasheet(PDF) 32 Page - Silicon Laboratories

Part # C8051F331
Description  Mixed Signal ISP Flash MCU Family
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F331 Datasheet(HTML) 32 Page - Silicon Laboratories

Back Button C8051F331 Datasheet HTML 28Page - Silicon Laboratories C8051F331 Datasheet HTML 29Page - Silicon Laboratories C8051F331 Datasheet HTML 30Page - Silicon Laboratories C8051F331 Datasheet HTML 31Page - Silicon Laboratories C8051F331 Datasheet HTML 32Page - Silicon Laboratories C8051F331 Datasheet HTML 33Page - Silicon Laboratories C8051F331 Datasheet HTML 34Page - Silicon Laboratories C8051F331 Datasheet HTML 35Page - Silicon Laboratories C8051F331 Datasheet HTML 36Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 216 page
background image
C8051F330/1/2/3/4/5
32
Rev. 1.5
3. Global Electrical Characteristics
Table 3.1. Global Electrical Characteristics
–40 to +85 °C, 25 MHz system clock unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Units
Digital Supply Voltage
VRST1
3.0
3.6
V
Digital Supply RAM Data
Retention Voltage
—1.5
—
V
SYSCLK (System Clock)
(Note 2)
0—
25
MHz
TSYSH (SYSCLK High Time)
18
—
—
ns
TSYSL (SYSCLK Low Time)
18
—
—
ns
Specified Operating
Temperature Range
–40
—
+85
°C
Digital Supply Current—CPU Active (Normal Mode, fetching instructions from Flash)
IDD (Note 3)
VDD = 3.6 V, F = 25 MHz
—
10.7
11.7
mA
VDD = 3.0 V, F = 25 MHz
—
7.8
8.3
mA
VDD = 3.0 V, F = 1 MHz
—
0.38
—
mA
VDD = 3.0 V, F = 80 kHz
—
31
—
µA
IDD Supply Sensitivity (Note 3) F = 25 MHz
—
65
—
%/V
F = 1 MHz
—
61
—
%/V
IDD Frequency Sensitivity
(Note 3, Note 4)
VDD = 3.0 V, F <= 15 MHz, T = 25 °C
—
0.38
—
mA/MHz
VDD = 3.0 V, F > 15 MHz, T = 25 °C
—
0.21
—
mA/MHz
VDD = 3.6 V, F <= 15 MHz, T = 25 °C
—
0.53
—
mA/MHz
VDD = 3.6 V, F > 15 MHz, T = 25 °C
—
0.27
—
mA/MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com