Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR8 Datasheet(PDF) 1 Page - Supertex, Inc

Part # LR8
Description  High Input Voltage Adjustable 3-Terminal Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

LR8 Datasheet(HTML) 1 Page - Supertex, Inc

  LR8_07 Datasheet HTML 1Page - Supertex, Inc LR8_07 Datasheet HTML 2Page - Supertex, Inc LR8_07 Datasheet HTML 3Page - Supertex, Inc LR8_07 Datasheet HTML 4Page - Supertex, Inc LR8_07 Datasheet HTML 5Page - Supertex, Inc LR8_07 Datasheet HTML 6Page - Supertex, Inc LR8_07 Datasheet HTML 7Page - Supertex, Inc LR8_07 Datasheet HTML 8Page - Supertex, Inc LR8_07 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LR8
Features
13.2V to 450V input voltage range
Adjustable 1.20V to 440V output regulation
5% output voltage tolerance
Output current limiting
10µA typical ADJ current
Internal junction temperature limiting
Applications
Off-line SMPS startup circuits
Adjustable high voltage constant current source
Industrial controls
Motor controls
Battery chargers
Power supplies
►
►
►
►
►
►
►
►
►
►
►
►
General Description
The Supertex LR8 is a high voltage, low output current,
adjustable linear regulator. It has a wide operating input
voltage range of 13.2V to 450V. The output voltage can be
adjusted from 1.20V to 440V provided that the input voltage
is at least 12V greater than the output voltage. The output
voltage can be adjusted by means of two external resistors
R1 and R2 as shown in the typical application circuits. The
LR8 regulates the voltage difference between VOUT and ADJ
pins to a nominal value of 1.20V. The 1.20V is amplified by
the external resistor ratio R1 and R2. An internal constant bias
current of typically 10µA is connected to the ADJ pin. This
increases V
OUT by a constant voltage of 10µA times R2.
The LR8 has current limiting and temperature limiting. The
output current limit is typically 20mA and the minimum
temperature limit is 125°C. An output short circuit current will
therefore be limited to 20mA. When the junction temperature
reaches its temperature limit, the output current and/or output
voltage will decrease to keep the junction temperature from
exceeding its temperature limit. For SMPS start-up circuit
applications, the LR8 turns off when an external voltage
greater than the output voltage of the LR8 is applied to VOUT
of the LR8. To maintain stability, a bypass capacitor of 1.0µF
or larger and a minimum DC output current of 500µA are
required.
The device is available in TO-243AA (SOT-89), TO-252 (D-
PAK), and TO-92 packages.
Typical Application Circuit
High Input Voltage
Adjustable 3-Terminal Linear Regulator
LR8
VIN
*
*Required for conditions where VIN is less than VOUT.
R1
R2
C2
C1
RLOAD
VOUT
VOUT
ADJ
VIN


Similar Part No. - LR8_07

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
LR8103V VBSEMI-LR8103V Datasheet
1Mb / 7P
N-Channel 30-V (D-S) MOSFET
logo
Leshan Radio Company
LR8301 LRC-LR8301 Datasheet
426Kb / 9P
SMALL PACKAGE PFM CONTROL STEP-UP DC/DC CONVERTER
LR8303 LRC-LR8303 Datasheet
398Kb / 11P
300KHz PFM Control Step-Up DC/DC Converter
LR8304 LRC-LR8304 Datasheet
582Kb / 13P
Low Power DC-DC Step-Up Converter
LR8400 LRC-LR8400 Datasheet
484Kb / 18P
1.1A 1.2MHz Synchronous Boost Converter
More results

Similar Description - LR8_07

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LR8 SUTEX-LR8 Datasheet
601Kb / 11P
High Input Voltage Adjustable 3-Terminal Linear Regulator
logo
BCD Semiconductor Manuf...
AZ317 BCDSEMI-AZ317 Datasheet
177Kb / 14P
3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
logo
Supertex, Inc
LR12 SUTEX-LR12 Datasheet
833Kb / 9P
High Input Voltage Adjustable 3-Terminal Linear Regulator
logo
BCD Semiconductor Manuf...
AZ317 BCDSEMI-AZ317_07 Datasheet
183Kb / 14P
3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
logo
Sipex Corporation
SP317L SIPEX-SP317L Datasheet
573Kb / 13P
3-Terminal Adjustable Voltage Regulator
logo
SHANTOU HUASHAN ELECTRO...
HTL431 HUASHAN-HTL431 Datasheet
230Kb / 3P
3-TERMINAL ADJUSTABLE VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AZ317 BCDSEMI-AZ317_13 Datasheet
786Kb / 15P
3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS317L TSC-TS317L_14 Datasheet
496Kb / 10P
3-Terminal Adjustable Positive Voltage Regulator
logo
Supertex, Inc
LR12 SUTEX-LR12_13 Datasheet
1Mb / 10P
High Input Voltage, Adjustable 3-Terminal Linear Regulator
logo
First Silicon Co., Ltd
FRR8 FS-FRR8 Datasheet
371Kb / 3P
High Input Voltage Adjustable 3-Terminal Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com