Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR645 Datasheet(PDF) 5 Page - Supertex, Inc

Part # LR645
Description  High Input Voltage SMPS Start-up / Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

LR645 Datasheet(HTML) 5 Page - Supertex, Inc

  LR645 Datasheet HTML 1Page - Supertex, Inc LR645 Datasheet HTML 2Page - Supertex, Inc LR645 Datasheet HTML 3Page - Supertex, Inc LR645 Datasheet HTML 4Page - Supertex, Inc LR645 Datasheet HTML 5Page - Supertex, Inc LR645 Datasheet HTML 6Page - Supertex, Inc LR645 Datasheet HTML 7Page - Supertex, Inc LR645 Datasheet HTML 8Page - Supertex, Inc LR645 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
LR645
AC Line
24V
to
277V
5.0V
0 to
150mA
5.0V
REG
+
–
COUT
CIN
VOUT
GATE
DN2540N5
GND
LR645LG
Figure 4: High Current Regulation
Figure 5: Typical Output Voltage vs Resistor Ratio
12
10
8
2.5
3.0
4.0
3.5
Resistor Ratio (R2/R1)
R1 + R2 = 250KΩ



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com