Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR645 Datasheet(PDF) 1 Page - Supertex, Inc

Part # LR645
Description  High Input Voltage SMPS Start-up / Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

LR645 Datasheet(HTML) 1 Page - Supertex, Inc

  LR645 Datasheet HTML 1Page - Supertex, Inc LR645 Datasheet HTML 2Page - Supertex, Inc LR645 Datasheet HTML 3Page - Supertex, Inc LR645 Datasheet HTML 4Page - Supertex, Inc LR645 Datasheet HTML 5Page - Supertex, Inc LR645 Datasheet HTML 6Page - Supertex, Inc LR645 Datasheet HTML 7Page - Supertex, Inc LR645 Datasheet HTML 8Page - Supertex, Inc LR645 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LR645
Features
Accepts inputs from 15V to 450V
Output currents up to 3.0mA continuous, 30mA peak
Supply current typically 50µA
Line regulation typically 0.1mV/V
Output can be trimmed from 8.0V to 12V
Output current can be increased to 150mA with
external FET
Applications
Off-line SMPS startup circuits (pulse loads)
Low power off-line regulators
Regulators for noisy inputs
►
►
►
►
►
►
►
►
►
General Description
The Supertex LR645 is a high input voltage, low output
current linear regulator. It has a 3-terminal fixed output voltage
version available in TO-92, TO-220 and SOT-89 packages,
as well as an adjustable voltage version available in an 8-
lead SOIC package. The 3-terminal version functions like any
other low voltage 3-terminal regulator except it allows the use
of much higher input voltages. When used in a SMPS start-
up circuit, it eliminates the need for large power resistors. In
this application, current is drawn from the high voltage line
only during start-up. Only leakage current flows after start-up,
thereby reducing the continuous power dissipation to a few
milliwatts.
The adjustable voltage version allows trimming of the output
voltage from 8.0V to 12V. This version can also be connected
to an external depletion mode MOSFET for increased output
current. When used in conjunction with Supertex depletion
mode MOSFET DN2540N5, an output current of up to 150mA
is achieved.
Block Diagram
High Input Voltage SMPS Start-up / Linear Regulator
V
OUT
GND
GATE
V
IN
TRIM
+
–
LR645
Caution!
The LR645 does NOT provide galvanic isolation.
When operated from an AC line, potentially lethal
voltages can be present on the IC. Adequate means
of protecting the end user from such voltages must be
provided by the circuit developer.


Similar Part No. - LR645

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LR645 SUTEX-LR645 Datasheet
322Kb / 4P
High Input Voltage SMPS Start-up / Linear Regulator
logo
Microchip Technology
LR645 MICROCHIP-LR645 Datasheet
439Kb / 16P
Accepts inputs from 15 to 450V
01/27/15
LR645 MICROCHIP-LR645 Datasheet
816Kb / 24P
High-Input Voltage SMPS, Start-up/Linear Regulator
Revision:B October 2023
logo
Supertex, Inc
LR645LG SUTEX-LR645LG Datasheet
322Kb / 4P
High Input Voltage SMPS Start-up / Linear Regulator
LR645N3 SUTEX-LR645N3 Datasheet
322Kb / 4P
High Input Voltage SMPS Start-up / Linear Regulator
More results

Similar Description - LR645

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LR645 SUTEX-LR645 Datasheet
322Kb / 4P
High Input Voltage SMPS Start-up / Linear Regulator
LR745 SUTEX-LR745 Datasheet
327Kb / 5P
High Input Voltage SMPS Start-up Circuit
logo
List of Unclassifed Man...
TS31023 ETC2-TS31023 Datasheet
1Mb / 16P
High Input Voltage Linear Regulator
TS31223 ETC2-TS31223 Datasheet
1Mb / 16P
High Input Voltage Linear Regulator
logo
Supertex, Inc
LR745N8-G SUTEX-LR745N8-G Datasheet
558Kb / 7P
High Input Voltage SMPS Start-up
LR745N3-G SUTEX-LR745N3-G Datasheet
558Kb / 7P
High Input Voltage SMPS Start-up
logo
Lowpower Semiconductor ...
LP6205S POWER-LP6205S Datasheet
364Kb / 5P
1.3V Start-up Input Voltage
logo
Semtech Corporation
TS31023 SEMTECH-TS31023 Datasheet
2Mb / 15P
High Input Voltage Linear Regulator
logo
Microchip Technology
LR745 MICROCHIP-LR745 Datasheet
333Kb / 15P
High-Input Voltage SMPS Start-up
01/27/15
logo
Infineon Technologies A...
IRS25751LPBF INFINEON-IRS25751LPBF Datasheet
610Kb / 13P
High-Voltage Start-Up IC
January 15, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com