Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR745 Datasheet (PDF) - Supertex, Inc

LR745 Datasheet PDF - Supertex, Inc
Part # LR745
Download  LR745 Download
File Size   327.66 Kbytes
Page   5 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description High Input Voltage SMPS Start-up Circuit

LR745 Datasheet (PDF)

Go To PDF Page Download Datasheet
LR745 Datasheet PDF - Supertex, Inc

Part # LR745
Download  LR745 Click to download

File Size   327.66 Kbytes
Page   5 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description High Input Voltage SMPS Start-up Circuit

LR745 Datasheet (HTML) - Supertex, Inc


LR745 Product details

General Description
The Supertex LR745 is a high input voltage SMPS startup circuit. The LR745 is ideally suited for use with industry standard low voltage PWM ICs having start thresholds of 13.9 - 18.0V. It allows the PWM ICs to be operated from rectified 120 or 240VAC lines, and eliminates the use of power resistors often used for this purpose.

Features
► Accepts inputs from 35V to 450V
► Output current limiting
► For PWM ICs with start-up threshold voltage of 13.9 - 18.0V
► Very low power consumption after start-up

Applications
► Notebook and laptop computers
► Telecommunication power supplies
► Battery chargers
► Motor controllers




Similar Part No. - LR745

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LR745 SUTEX-LR745 Datasheet
558Kb / 7P
High Input Voltage SMPS Start-up
LR745 SUTEX-LR745 Datasheet
558Kb / 7P
High Input Voltage SMPS Start-up
logo
Microchip Technology
LR745 MICROCHIP-LR745 Datasheet
333Kb / 15P
High-Input Voltage SMPS Start-up
01/27/15
logo
Supertex, Inc
LR745N3-G SUTEX-LR745N3-G Datasheet
558Kb / 7P
High Input Voltage SMPS Start-up
LR745N3-G SUTEX-LR745N3-G Datasheet
558Kb / 7P
High Input Voltage SMPS Start-up
More results


Similar Description - LR745

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LR645 SUTEX-LR645 Datasheet
322Kb / 4P
High Input Voltage SMPS Start-up / Linear Regulator
LR645 SUTEX-LR645_07 Datasheet
812Kb / 9P
High Input Voltage SMPS Start-up / Linear Regulator
logo
List of Unclassifed Man...
LD7575 ETC2-LD7575 Datasheet
337Kb / 18P
Green-Mode PWM Controller with High-Voltage Start-Up Circuit
logo
SYNC POWER Crop.
SP689 SYNC-POWER-SP689 Datasheet
220Kb / 5P
Ultra High Voltage Start Up
logo
Supertex, Inc
LR745N8-G SUTEX-LR745N8-G Datasheet
558Kb / 7P
High Input Voltage SMPS Start-up
LR745N3-G SUTEX-LR745N3-G Datasheet
558Kb / 7P
High Input Voltage SMPS Start-up
logo
Lowpower Semiconductor ...
LP6205S POWER-LP6205S Datasheet
364Kb / 5P
1.3V Start-up Input Voltage
logo
International Rectifier
IRS25751LPBF IRF-IRS25751LPBF_15 Datasheet
610Kb / 13P
High-Voltage Start-Up IC
logo
Microchip Technology
LR745 MICROCHIP-LR745 Datasheet
333Kb / 15P
High-Input Voltage SMPS Start-up
01/27/15
logo
Infineon Technologies A...
IRS25751LPBF INFINEON-IRS25751LPBF Datasheet
610Kb / 13P
High-Voltage Start-Up IC
January 15, 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com