Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR745 Datasheet(PDF) 2 Page - Supertex, Inc

Part # LR745
Description  High Input Voltage SMPS Start-up Circuit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

LR745 Datasheet(HTML) 2 Page - Supertex, Inc

  LR745 Datasheet HTML 1Page - Supertex, Inc LR745 Datasheet HTML 2Page - Supertex, Inc LR745 Datasheet HTML 3Page - Supertex, Inc LR745 Datasheet HTML 4Page - Supertex, Inc LR745 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
+
–
+
+
–
–
comp2
Clk
Clock
Reset
Q
GND
RD
VOUT
VOUT
VIN
M2
M1
R1
R2
R3
2 to 4 mA
R4
23V
Vz
comp1
VREF
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
VOUT
Output Voltage
18.8
24
V
IOUT = 0
V
OUT over Temperature
18.5
24.3
V
I
OUT = 0, TA = -40°C to +85°C
I
OUT
Output Current Limiting
2
3
4
mA
VIN
Operating Input Voltage Range
25
450
V
I
INQ
Input Quiescent Current
500
µAV
IN = 400V, IOUT = 0
V
OFF
Output Turn OFF Voltage
12.6
13.25
13.9
V
VOFF Over Temperature
12.3
13.25
14.2
V
TA = -40°C to +85°C
V
RESET
Output Reset Voltage
6.3
7
7.7
V
V
RESET Over Temperature
6
7
8
V
T
A = -40°C to +85°C
IOFF
VIN Off-State Leakage Current
75
µAV
IN = 400V
V
AUX
External Voltage Applied to V
OUT
22
V
I
AUX
Input Current to V
OUT
500
µAV
AUX = 22V
Electrical Characteristics
Test conditions unless otherwise specified: T
A = 25°C; VIN = 450V
LR745
Block Diagram



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com