Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR745 Datasheet(PDF) 4 Page - Supertex, Inc

Part # LR745
Description  High Input Voltage SMPS Start-up Circuit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

LR745 Datasheet(HTML) 4 Page - Supertex, Inc

  LR745 Datasheet HTML 1Page - Supertex, Inc LR745 Datasheet HTML 2Page - Supertex, Inc LR745 Datasheet HTML 3Page - Supertex, Inc LR745 Datasheet HTML 4Page - Supertex, Inc LR745 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Figure 2
LR745
0.0
3.0
2.0
1.0
0.0
12.0
8.0
4.0
0.0
30.0
20.0
10.0
0.0
4.0
PWM IC Start Threshold Voltage
LR7 VOFF Trip Point
Auxiliary Supply Powers PMW IC
t
t
t
t
8.0
12.0
13.5
16.0
LR7 Start-up Waveforms
VOUT
(Volts)
I
Stage
Stage
Stage
IIN
(mA)
VAUX
(Volts)
IAUX
(mA)
VAUX = 12V
IAUX = 20mA
IIN ≈ 0mA
III
II



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com