Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR645 Datasheet (PDF) - Microchip Technology

LR645 Datasheet PDF - Microchip Technology
Part # LR645
Download  LR645 Download
File Size   816.96 Kbytes
Page   24 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description High-Input Voltage SMPS, Start-up/Linear Regulator

LR645 Datasheet (PDF)

Go To PDF Page Download Datasheet
LR645 Datasheet PDF - Microchip Technology

Part # LR645
Download  LR645 Click to download

File Size   816.96 Kbytes
Page   24 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description High-Input Voltage SMPS, Start-up/Linear Regulator

LR645 Datasheet (HTML) - Microchip Technology


LR645 Product details

Features
• Accepts Inputs from 15 to 450V
• Output Currents: Up to 3.0 mA Continuous,
30 mA Peak
• Supply Current Typically 50 μA
• Line Regulation Typically 0.1 mV/V
• Output Can Be Trimmed from 8.0 to 12V
• Output Current Can be Increased to 150 mA with
External FET
Applications
• Off-line SMPS Startup Circuits (Pulse Loads)
• Low Power Off-Line Regulators
• Regulators for Noisy Inputs
Description
LR645 is a high-input voltage, low-output current, linear
regulator that is available in two versions. A 3-terminal,
fixed-output voltage version is available in TO-92,
TO-220 and SOT-89 packages, as well as an
adjustable voltage version available in an 8-lead SOIC
package.
The 3-terminal version of LR645 functions like any
other low-voltage, 3-terminal regulator except it allows
the use of much higher-input voltages. When used in a
Switched-mode Power Supply (SMPS), start-up circuit,
LR645 eliminates the need for large power resistors. In
this application, current is drawn from the high voltage
line only during start-up. Only leakage current flows
after start-up, thereby reducing the continuous power
dissipation to a few milliwatts.
The adjustable-voltage version allows trimming of the
output voltage from 8.0V to 12V. This version can also
be connected to an external depletion mode
metal-oxide-semiconductor field-effect transistor
(MOSFET) for increased output current. When used in
conjunction with depletion mode MOSFET DN2540N5,
an output current of up to 150 mA is achieved.




Similar Part No. - LR645

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LR645 SUTEX-LR645 Datasheet
322Kb / 4P
High Input Voltage SMPS Start-up / Linear Regulator
LR645 SUTEX-LR645 Datasheet
812Kb / 9P
High Input Voltage SMPS Start-up / Linear Regulator
logo
Microchip Technology
LR645 MICROCHIP-LR645 Datasheet
439Kb / 16P
Accepts inputs from 15 to 450V
01/27/15
logo
Supertex, Inc
LR645LG SUTEX-LR645LG Datasheet
322Kb / 4P
High Input Voltage SMPS Start-up / Linear Regulator
LR645LG SUTEX-LR645LG Datasheet
812Kb / 9P
High Input Voltage SMPS Start-up / Linear Regulator
More results


Similar Description - LR645

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LR645 SUTEX-LR645 Datasheet
322Kb / 4P
High Input Voltage SMPS Start-up / Linear Regulator
LR745 SUTEX-LR745 Datasheet
327Kb / 5P
High Input Voltage SMPS Start-up Circuit
LR645 SUTEX-LR645_07 Datasheet
812Kb / 9P
High Input Voltage SMPS Start-up / Linear Regulator
logo
List of Unclassifed Man...
TS31023 ETC2-TS31023 Datasheet
1Mb / 16P
High Input Voltage Linear Regulator
TS31223 ETC2-TS31223 Datasheet
1Mb / 16P
High Input Voltage Linear Regulator
logo
Supertex, Inc
LR745N8-G SUTEX-LR745N8-G Datasheet
558Kb / 7P
High Input Voltage SMPS Start-up
LR745N3-G SUTEX-LR745N3-G Datasheet
558Kb / 7P
High Input Voltage SMPS Start-up
logo
Lowpower Semiconductor ...
LP6205S POWER-LP6205S Datasheet
364Kb / 5P
1.3V Start-up Input Voltage
logo
Semtech Corporation
TS31023 SEMTECH-TS31023 Datasheet
2Mb / 15P
High Input Voltage Linear Regulator
logo
Microchip Technology
LR745 MICROCHIP-LR745 Datasheet
333Kb / 15P
High-Input Voltage SMPS Start-up
01/27/15
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com