Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR645 Datasheet(PDF) 1 Page - Microchip Technology

Part # LR645
Description  High-Input Voltage SMPS, Start-up/Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LR645 Datasheet(HTML) 1 Page - Microchip Technology

  LR645 Datasheet HTML 1Page - Microchip Technology LR645 Datasheet HTML 2Page - Microchip Technology LR645 Datasheet HTML 3Page - Microchip Technology LR645 Datasheet HTML 4Page - Microchip Technology LR645 Datasheet HTML 5Page - Microchip Technology LR645 Datasheet HTML 6Page - Microchip Technology LR645 Datasheet HTML 7Page - Microchip Technology LR645 Datasheet HTML 8Page - Microchip Technology LR645 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
 2015-2023 Microchip Technology Inc. and its subsidiaries
DS20005384B-page 1
Features
• Accepts Inputs from 15 to 450V
• Output Currents: Up to 3.0 mA Continuous,
30 mA Peak
• Supply Current Typically 50 μA
• Line Regulation Typically 0.1 mV/V
• Output Can Be Trimmed from 8.0 to 12V
• Output Current Can be Increased to 150 mA with
External FET
Applications
• Off-line SMPS Startup Circuits (Pulse Loads)
• Low Power Off-Line Regulators
• Regulators for Noisy Inputs
Description
LR645 is a high-input voltage, low-output current, linear
regulator that is available in two versions. A 3-terminal,
fixed-output voltage version is available in TO-92,
TO-220 and SOT-89 packages, as well as an
adjustable voltage version available in an 8-lead SOIC
package.
The 3-terminal version of LR645 functions like any
other low-voltage, 3-terminal regulator except it allows
the use of much higher-input voltages. When used in a
Switched-mode Power Supply (SMPS), start-up circuit,
LR645 eliminates the need for large power resistors. In
this application, current is drawn from the high voltage
line only during start-up. Only leakage current flows
after start-up, thereby reducing the continuous power
dissipation to a few milliwatts.
The adjustable-voltage version allows trimming of the
output voltage from 8.0V to 12V. This version can also
be connected to an external depletion mode
metal-oxide-semiconductor
field-effect
transistor
(MOSFET) for increased output current. When used in
conjunction with depletion mode MOSFET DN2540N5,
an output current of up to 150 mA is achieved.
WARNING
The LR645 does NOT provide galvanic isolation. When operated from an AC line, potentially lethal voltages can be
present on the IC. Adequate means of protecting the end user from such voltages must be provided by the circuit
developer.
LR645
High-Input Voltage SMPS, Start-up/Linear Regulator


Similar Part No. - LR645

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LR645 SUTEX-LR645 Datasheet
322Kb / 4P
High Input Voltage SMPS Start-up / Linear Regulator
LR645 SUTEX-LR645 Datasheet
812Kb / 9P
High Input Voltage SMPS Start-up / Linear Regulator
logo
Microchip Technology
LR645 MICROCHIP-LR645 Datasheet
439Kb / 16P
Accepts inputs from 15 to 450V
01/27/15
logo
Supertex, Inc
LR645LG SUTEX-LR645LG Datasheet
322Kb / 4P
High Input Voltage SMPS Start-up / Linear Regulator
LR645LG SUTEX-LR645LG Datasheet
812Kb / 9P
High Input Voltage SMPS Start-up / Linear Regulator
More results

Similar Description - LR645

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LR645 SUTEX-LR645 Datasheet
322Kb / 4P
High Input Voltage SMPS Start-up / Linear Regulator
LR745 SUTEX-LR745 Datasheet
327Kb / 5P
High Input Voltage SMPS Start-up Circuit
LR645 SUTEX-LR645_07 Datasheet
812Kb / 9P
High Input Voltage SMPS Start-up / Linear Regulator
logo
List of Unclassifed Man...
TS31023 ETC2-TS31023 Datasheet
1Mb / 16P
High Input Voltage Linear Regulator
TS31223 ETC2-TS31223 Datasheet
1Mb / 16P
High Input Voltage Linear Regulator
logo
Supertex, Inc
LR745N8-G SUTEX-LR745N8-G Datasheet
558Kb / 7P
High Input Voltage SMPS Start-up
LR745N3-G SUTEX-LR745N3-G Datasheet
558Kb / 7P
High Input Voltage SMPS Start-up
logo
Lowpower Semiconductor ...
LP6205S POWER-LP6205S Datasheet
364Kb / 5P
1.3V Start-up Input Voltage
logo
Semtech Corporation
TS31023 SEMTECH-TS31023 Datasheet
2Mb / 15P
High Input Voltage Linear Regulator
logo
Microchip Technology
LR745 MICROCHIP-LR745 Datasheet
333Kb / 15P
High-Input Voltage SMPS Start-up
01/27/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com