Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR645 Datasheet(PDF) 15 Page - Microchip Technology

Part # LR645
Description  High-Input Voltage SMPS, Start-up/Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LR645 Datasheet(HTML) 15 Page - Microchip Technology

Back Button LR645 Datasheet HTML 11Page - Microchip Technology LR645 Datasheet HTML 12Page - Microchip Technology LR645 Datasheet HTML 13Page - Microchip Technology LR645 Datasheet HTML 14Page - Microchip Technology LR645 Datasheet HTML 15Page - Microchip Technology LR645 Datasheet HTML 16Page - Microchip Technology LR645 Datasheet HTML 17Page - Microchip Technology LR645 Datasheet HTML 18Page - Microchip Technology LR645 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
LR645
DS20005384B-page 15
 2015-2023 Microchip Technology Inc. and its subsidiaries
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
1.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Microchip Technology Drawing C04-034-N5 Rev C Sheet 2 of 2
e
N
2.54 BSC
3
Units
Dimension Limits
MILLIMETERS
MIN
NOM
MAX
Mounting Hole Diameter
Terminal Shoulder Length
Terminal Length
Tab Length
Body Width
Exposed Pad Width
Exposed Pad Width
Overall Width
Exposed Pad Length
Molded Package Length
Overall Length
Terminal Thickness
Shoulder Width
Terminal Width
Base to Lead
Tab Thickness
Overall Height
Terminal Pitch
Number of Terminals
A
A1
A2
b
b2
c
D
D1
D2
E
U
E1
E2
H1
L
L1
P
Q
4.064
1.143
2.032
0.635
1.143
0.305
13.730
8.850
9.652
6.858
9.779
5.842
12.700
3.050
3.708
2.540
4.445
1.270
2.540
0.826
1.334
0.432
14.730
9.000
12.6 REF
10.160
6.35 REF
7.874
10.224
6.350
13.716
3.455
3.835
2.794
4.826
1.397
3.048
1.016
1.524
0.559
15.730
9.150
10.668
8.890
10.668
6.858
14.732
3.860
3.962
3.048
Mounting Hole Center
3-Lead Transistor Outline Package (Supertex N5) - [TO-220]
Supertex Legacy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com