Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR645 Datasheet(PDF) 17 Page - Microchip Technology

Part # LR645
Description  High-Input Voltage SMPS, Start-up/Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LR645 Datasheet(HTML) 17 Page - Microchip Technology

Back Button LR645 Datasheet HTML 13Page - Microchip Technology LR645 Datasheet HTML 14Page - Microchip Technology LR645 Datasheet HTML 15Page - Microchip Technology LR645 Datasheet HTML 16Page - Microchip Technology LR645 Datasheet HTML 17Page - Microchip Technology LR645 Datasheet HTML 18Page - Microchip Technology LR645 Datasheet HTML 19Page - Microchip Technology LR645 Datasheet HTML 20Page - Microchip Technology LR645 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
LR645
DS20005384B-page 17
 2015-2023 Microchip Technology Inc. and its subsidiaries
Microchip Technology Drawing C04-101-TO Rev D Sheet 2 of 2
3-Lead Plastic Transistor Outline (TO) [TO-92]
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
2. Dimensioning and tolerancing per ASME Y14.5M
1. Dimensions D and E do not include mold flash or protrusions. Mold flash or
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
protrusions shall not exceed .005" per side.
Notes:
.022
.014
b
Lead Width
.021
.014
c
Lead Thickness
.105
.080
R
Molded Package Radius
.210
.170
A
Overall Length
.205
.175
E
Overall Width
.165
.125
D
Bottom to Package Flat
.050 BSC
e
Pitch
3
N
Number of Pins
MAX
MIN
Dimension Limits
INCHES
Units
Tip to Seating Plane
L
.500
-
NOM
-
-
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com