Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR645 Datasheet(PDF) 6 Page - Microchip Technology

Part # LR645
Description  High-Input Voltage SMPS, Start-up/Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LR645 Datasheet(HTML) 6 Page - Microchip Technology

Back Button LR645 Datasheet HTML 2Page - Microchip Technology LR645 Datasheet HTML 3Page - Microchip Technology LR645 Datasheet HTML 4Page - Microchip Technology LR645 Datasheet HTML 5Page - Microchip Technology LR645 Datasheet HTML 6Page - Microchip Technology LR645 Datasheet HTML 7Page - Microchip Technology LR645 Datasheet HTML 8Page - Microchip Technology LR645 Datasheet HTML 9Page - Microchip Technology LR645 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
 2015-2023 Microchip Technology Inc. and its subsidiaries
DS20005384B-page 6
LR645
FIGURE 3-3:
Typical Output Voltage vs
Resistor Ratio.
3.3
Off Line Linear Regulator
Circuits that require low voltages to operate logic and
analog circuits benefit from LR645. The conventional
use of step-down transformers can be eliminated,
thereby saving space and cost. Some examples of low-
voltage applications are: proximity controlled light
switches, street lamp controls, and low-voltage power
supplies for appliances such as washing machines,
dishwashers, and refrigerators.
The wide operating-input voltage range of 15 to 450V,
as well as the ripple rejection ratio of 50 dB minimum,
allows the use of a small, high-voltage input capacitor.
The input AC line can be either full-wave or half-wave
rectified. A minimum output capacitance of 0.01 µF is
recommended for output stability.
Figure 3-4 shows the LR645 as a pre-regulator to a
precision regulator for high precision regulation. Higher
output current is also possible by using an external
depletion-mode MOSFET DN2540N5 as shown in
Figure 3-5.
FIGURE 3-4:
Cascading for Precision.
3.4
Power Dissipation Considerations
LR645 is a true linear regulator. Its power dissipation is
therefore a function of input voltage and output load
current. For example, if the LR645 provides a
continuous load current of 3 mA at 10V, while its input
voltage is 400V, total dissipation in the LR645 can be
calculated using Equation 3-1.
The 1.23 watts is for continuous operation. This is
within the dissipation capabilities of the TO-220 and
SOT-89 packages. See Table 1-2 on Page 3 for
deratings. For SMPS start-up applications, the output
current is usually required only during start-up. This
duration depends upon the auxiliary supply output
capacitor and COUT, but is typically a few hundred
milliseconds. All package types of the LR645 have
been characterized for use with a COUT of at least
10 µF, and an AC line of 277V.
EQUATION 3-1:
FIGURE 3-5:
High-Current Regulation.
12
10
8
2.5
3.0
3.5
4.0
Resistor Ratio (R2/R1)
R1 + R2 = 250kΩ
5.000V
± 0.002V
@
0 to 3mA
AC Line
24V - 277V
C
OUT
0.1μF
C
IN
1.0μF
LR6
Max
875
ACSA
PDISS
VIN VOUT
–

IOUT IMAXQuiescent
+

400V 10V
–

3.0 mA 150
A
+

1.23 Watts
==
=
AC Line
24 - 277V
5.0V
+
0 - 150mA
-
5.0V
REG
C
OUT
C
IN
V
OUT
GATE
DN2540N5
GND
LR645



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com