Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN2425 Datasheet(PDF) 1 Page - Supertex, Inc

Part # TN2425
Description  Low Threshold N-Channel Enhancement-Mode Vertical DMOS FET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TN2425 Datasheet(HTML) 1 Page - Supertex, Inc

  TN2425 Datasheet HTML 1Page - Supertex, Inc TN2425 Datasheet HTML 2Page - Supertex, Inc TN2425 Datasheet HTML 3Page - Supertex, Inc TN2425 Datasheet HTML 4Page - Supertex, Inc TN2425 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TN2425
Features
Low threshold
High input impedance
Low input capacitance
Fast switching speeds
Low ON-resistance
Free from secondary breakdown
Low input and output leakage
Complementary N- and P-Channel devices
Applications
Logic level interfaces – ideal for TTL and CMOS
Solid state relays
Medical ultrasound pulsers
Analog switches
General purpose line drivers
Telecom switches
►
►
►
►
►
►
►
►
►
►
►
►
►
►
Low Threshold N-Channel Enhancement-Mode
Vertical DMOS FET
General Description
The Supertex TN2425 is a low threshold enhancement-
mode (normally-off) transistor that utilizes a vertical
DMOS structure and Supertex’s well-proven silicon-gate
manufacturing process. This combination produces a device
with the power handling capabilities of bipolar transistors,
and the high input impedance and positive temperature
coefficient inherent in MOS devices. Characteristic of all
MOS structures, this device is free from thermal runaway
and thermally-induced secondary breakdown.
Supertex’s vertical DMOS FETs are ideally suited to a
wide range of switching and amplifying applications where
very low threshold voltage, high breakdown voltage, high
input impedance, low input capacitance, and fast switching
speeds are desired.
Ordering Information
Device
Package Options
BV
DSS/BVDGS
R
DS(ON)
(max)
I
D(ON)
(min)
TO-243AA (SOT-89)
TN2425
TN2425N8
TN2425N8-G
250V
3.5Ω
1.5A
-G indicates package is RoHS compliant (‘Green’)
Absolute Maximum Ratings
Parameter
Value
Drain to source voltage
BV
DSS
Drain to gate voltage
BV
DGS
Gate to source voltage
±20V
Operating and storage temperature
-55°C to +150°C
Soldering temperature1
+300°C
Absolute Maximum Ratings are those values beyond which damage to the device
may occur. Functional operation under these conditions is not implied. Continuous
operation of the device at the absolute rating level may affect device reliability. All
voltages are referenced to device ground.
Note 1. Distance of 1.6mm from case for 10 seconds.
Pin Configuration
D
GD
S
TO-243AA (SOT-89)
(Top View)
TN2425
Product marking for TO-243AA:
where
= 2-week alpha date code
TN4C


Similar Part No. - TN2425

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TN2425 SUTEX-TN2425 Datasheet
447Kb / 4P
N-Channel Enhancement-Mode Vertical DMOS FETs
TN2425 SUTEX-TN2425 Datasheet
686Kb / 5P
N-Channel Enhancement-Mode Vertical DMOS FET
logo
Microchip Technology
TN2425 MICROCHIP-TN2425 Datasheet
768Kb / 14P
N-Channel Enhancement-Mode Vertical DMOS FET
02/28/20
logo
Supertex, Inc
TN2425N8 SUTEX-TN2425N8 Datasheet
447Kb / 4P
N-Channel Enhancement-Mode Vertical DMOS FETs
TN2425N8-G SUTEX-TN2425N8-G Datasheet
686Kb / 5P
N-Channel Enhancement-Mode Vertical DMOS FET
More results

Similar Description - TN2425

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BSS123 ZETEX-BSS123 Datasheet
45Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
VN10LP ZETEX-VN10LP Datasheet
22Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVNL110G ZETEX-ZVNL110G Datasheet
20Kb / 1P
N-CHANNEL ENHANCEMENT MODE LOW THRESHOLD VERTICAL DMOS FET
ZVNL120G ZETEX-ZVNL120G Datasheet
47Kb / 3P
N-CHANNEL ENHANCEMENT MODE LOW THRESHOLD VERTICAL DMOS FET
VN2222LL ZETEX-VN2222LL Datasheet
18Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Supertex, Inc
TN2529 SUTEX-TN2529 Datasheet
506Kb / 4P
Low Threshold N-Channel Enhancement-Mode Vertical DMOS FET
TN2540 SUTEX-TN2540_07 Datasheet
812Kb / 7P
Low Threshold N-Channel Enhancement-Mode Vertical DMOS FET
TP2510 SUTEX-TP2510_07 Datasheet
553Kb / 5P
Low Threshold P-Channel Enhancement Mode Vertical DMOS FETs
logo
Diodes Incorporated
ZVNL110G DIODES-ZVNL110G Datasheet
31Kb / 1P
SOT223 N-CHANNEL ENHANCEMENT MODE LOW THRESHOLD VERTICAL DMOS FET
FEBRUARY 1996
logo
List of Unclassifed Man...
ZVNL120GTA ETC2-ZVNL120GTA Datasheet
58Kb / 3P
SOT223 N-CHANNEL ENHANCEMENT MODE LOW THRESHOLD VERTICAL DMOS FET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com