Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN2425 Datasheet(PDF) 4 Page - Supertex, Inc

Part # TN2425
Description  Low Threshold N-Channel Enhancement-Mode Vertical DMOS FET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TN2425 Datasheet(HTML) 4 Page - Supertex, Inc

  TN2425 Datasheet HTML 1Page - Supertex, Inc TN2425 Datasheet HTML 2Page - Supertex, Inc TN2425 Datasheet HTML 3Page - Supertex, Inc TN2425 Datasheet HTML 4Page - Supertex, Inc TN2425 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
TN2425
Typical Performance Curves (cont.)
ID (Amperes)
On Resistance vs. Drain Current
VGS(TH) and RDS(ON) w/ Temperature
TJ (OC)
Transfer Characteristics
VGS (Volts)
02468
10
0.0
0.5
1.0
1.5
2.0
2.5
3.0
V
DS = 25V
T
A = -55
OC
T
A = 125
OC
T
A = 25
OC
-50
0
50
100
150
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.6
0.9
1.2
1.5
1.8
R
DS(ON) @ 10V, 0.5A
V
GS(th) @ 1mA
0
1020304050
0
50
100
150
200
C
RSS
C
OSS
C
ISS
f = 1MHz
0.0
1.0
2.0
3.0
4.0
5.0
0
2
4
6
8
10
I
D = 480mA
V
DS=10V
V
DS=40V
-50
0
50
100
150
0.8
0.9
1.0
1.1
1.2
BV @ 250A
453pF
128pF
TJ (OC)
BVDSS Variation with Temperature
Capacitance vs. Drain Source Voltage
VDS (Volts)
Gate Drive Dynamic Characteristics
Q (nanocoulombs)
G
012345
0
2
4
6
8
10
V
GS = 4.5V
V
GS = 10V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com