Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF112 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MICRF112
Description  QwikRadio짰 UHF ASK/FSK Transmitter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF112 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MICRF112 Datasheet HTML 9Page - Micrel Semiconductor MICRF112 Datasheet HTML 10Page - Micrel Semiconductor MICRF112 Datasheet HTML 11Page - Micrel Semiconductor MICRF112 Datasheet HTML 12Page - Micrel Semiconductor MICRF112 Datasheet HTML 13Page - Micrel Semiconductor MICRF112 Datasheet HTML 14Page - Micrel Semiconductor MICRF112 Datasheet HTML 15Page - Micrel Semiconductor MICRF112 Datasheet HTML 16Page - Micrel Semiconductor MICRF112 Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Micrel, Inc.
MICRF112
March 2007
13
M9999-030107
(408) 944-0800
Crystal Oscillator for FSK Operation
Figure 5 shows reference oscillator circuit configuration
for FSK operation. To operate the MICRF112 in FSK
mode, one additional capacitor is needed between
XTALOUT pin and XTALMOD pin. Crystal parameters
for FSK operation are the same as ASK operation
except:
•
When the ESR of crystal is at 20
Ω, C
FSK + CLOAD
not to exceed 70pF.
•
When the ESR of crystal is at 300
Ω, C
FSK +
CLOAD not to exceed 30pF
Figure 5. Reference Oscillator FSK Operation
PLL ×32
The function of PLL×32 is to provide a stable carrier
frequency for transmission. It is a “divided by 32” phase
locked oscillator.
Power Amplifier
The power amplifier serves two purposes: 1) to buffer
the VCO from external elements and 2) to amplify the
phase locked signal. The power amplifier can produce
+10dBm at 3V (typical).
Enable Control
Enable control gates the ASK data. It only allows
transmission when Lock, Amplitude and Under Voltage
Detect conditions are valid.
Under Voltage Detect
“Under voltage detect” block senses operating voltage.
If the operating voltage falls below 1.6V, “under voltage
detect” block will send a signal to “enable control” block
to disable the PA.
Open Drain Switch
Open drain switch is used for FSK operation. FSK data
is fed into the FSK pin. The FSK pin is connected to the
gate of the open drain switch.
The open collector is
connected to the XTALMOD pin. In Figure 4, a capacitor
is shown connected from XTALMOD pin to XTALOUT.
When FSK pin goes high, the capacitor between
XTALMOD and XTALOUT pulls the frequency of
REFOSC low
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com