Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4901ITSTRT Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC4901ITSTRT
Description  COMBI-SYNC Secondary Side Synchronous Rectifier and Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4901ITSTRT Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC4901ITSTRT Datasheet HTML 7Page - Semtech Corporation SC4901ITSTRT Datasheet HTML 8Page - Semtech Corporation SC4901ITSTRT Datasheet HTML 9Page - Semtech Corporation SC4901ITSTRT Datasheet HTML 10Page - Semtech Corporation SC4901ITSTRT Datasheet HTML 11Page - Semtech Corporation SC4901ITSTRT Datasheet HTML 12Page - Semtech Corporation SC4901ITSTRT Datasheet HTML 13Page - Semtech Corporation SC4901ITSTRT Datasheet HTML 14Page - Semtech Corporation SC4901ITSTRT Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
 2005 Semtech Corp.
www.semtech.com
SC4901
POWER MANAGEMENT
In all these cases OUTA and XFRA are turned off and, after
a fixed delay of 110 nS, the rectifier MOSFET is turned on.
Both OUTA and XFRA can sink or source + 2A peak current.
Since OUTA has to drive a level shifted MOSFET gate, it
must be used with a pulse transformer. Note that the
common source of the high side FETs presents a negative
voltage to the return pin of any high side drive circuit and
therefore a semiconductor driver is not recommended in
this application. Another pin called XFRA is provided to
simplify the gate drive design with a 1:1 transformer. The
XFRA is configured as a high current open collector
transistor and is turned on and off synchronously with
OUTA. If the maximum duty cycle expected is less than 50%,
the pulse transformer can be connected directly between
OUTA and XFRA. This ensures that the gate is always driven
with PVCC during both on and off periods. A 1A Schottky or
ultrafast rectifier should be connected in reverse across
the XFRA transistor. This is required to discharge the
MOSFET gate rapidly during turn off. Refer to DTO in Fig.
3a) In addition, a smaller signal diode should be connected
from XFRA to PVCC supply to reset the driver transformer.
This diode may be rated to carry the magnetising current
of the drive transformer. Refer DRES in Fig 3a) below.
If maximum duty ratio is more than 50% a ceramic
capacitor C RES may be added in series to the transformer
primary as shown in Fig 3b). The capacitor carries a small
voltage only when duty ratio is more than 50% which
correspondingly reduces the gate drive voltage during the
ON time.
Alternately an additional zener Z RES may be used to reset
the transformer during the OFF time as shown in Fig 3c).
The zener voltage V
Z should be
V
Z > PVCC x (2D -1 ) / (1-D) to reset the transformer
Note that in this arrangement the OFF voltage applied to
the MOSFET gates increases to ( PVCC + V
Z ).
Inside the SC4901, the drive circuits are powered by a
separate supply and ground pair, designated as PVCC and
PGND. Adequate and independent noise bypassing of both
AVCC and PVCC to the corresponding grounds is strongly
recommended.
Application Information (Cont.)
Fig 3a. Driving a Pulse Transformer using XFRA and OUTA with < 50% duty ratio
PGN D
DRES
DTO
RGS
OPTION A L
RG
X F R A PIN IS PR OV IDED TO
SIM PLIF Y PU LSE
TR A N SF OR M ER DESIGN
X F R A IS A N OPEN
COLLECTOR THA T TU R N S
ON W HEN OU TA IS ON
F OR OPER A TIN G DU TY
R A TIOS OF 5 0 % THE PU LSE
TR A N SF OR M ER IS
C ON N EC TED DIR EC TLY
B ETW E EN OU TA A N D X F R A
'DR ES' RE SETS THE PU LSE
X F R DU RIN G THE OF F
TIM E.
'DTO' PR OV IDES A HIGH
C U RREN T TU RN OF F P A TH
F OR THE GA TE C HA R GES
OF QS A N D QF
C u rre nt
Se ns e
QR
QF
CT
••
••
ZCD
15
CAO
3
CS -
2
CS +
1
OUT B
6
SSE N
4
XFRA
7
PVCC
9
PGN D
8
VCC
5
GN D
16
OUT A
10
RE F
11
VE A-
12
VE A
13
RCT
14
P W M L O G I C
A N D
O U T P U T
D R I V E R S
TRANS FORM ER
SE CONDARY
SY NC AND RA M P
+
+-
-
L
QS
DVCC
COUT
RZ
RT
PV C C
VSEC
RTN
VOU T
SC 4901
SI N GL E
EN DED
FOR W AR D
CO N VER TOR
C SS
XF R A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com