Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4901ITSTRT Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC4901ITSTRT
Description  COMBI-SYNC Secondary Side Synchronous Rectifier and Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4901ITSTRT Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC4901ITSTRT Datasheet HTML 9Page - Semtech Corporation SC4901ITSTRT Datasheet HTML 10Page - Semtech Corporation SC4901ITSTRT Datasheet HTML 11Page - Semtech Corporation SC4901ITSTRT Datasheet HTML 12Page - Semtech Corporation SC4901ITSTRT Datasheet HTML 13Page - Semtech Corporation SC4901ITSTRT Datasheet HTML 14Page - Semtech Corporation SC4901ITSTRT Datasheet HTML 15Page - Semtech Corporation SC4901ITSTRT Datasheet HTML 16Page - Semtech Corporation SC4901ITSTRT Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
 2005 Semtech Corp.
www.semtech.com
SC4901
POWER MANAGEMENT
Layout Guidelines
The Combi Sync topology and SC4901 are intended for
use in multi output convertors and demand careful
attention to good layout practices. The topology has an
inherent advantage in that all switching circuits naturally
operate at the same frequency set by the primary controller.
But the operating duty ratio is different for different outputs
and this may cause unexpected interferences. Make sure
that the currents in the RTN path are kept separate and
returned to a single node at the transformer end. High
current returns from one output should be isolated from
the signal current returns going into the AGND pins of other
outputs.
A dedicated ground plane is strongly
recommended to improve noise immunity.
SC4901 requires a clean synchronising signal at the ZCD
pin to ensure proper operation. There are several sources
that may contribute to the noise at this pin. The traces
from the transformer terminals to the corresponding QS
drain and QR source pins must be kept to the absolute
minimum. When the FETs are turned ON or OFF, the current
in the transformer secondary winding is subjected to a rapid
rate of di/dt. Long traces that encompass wide areas have
higher parasitic lead inductances. The combination of a
rapid di/dt and large parasitic inductance is a dip or spike
in the transformer waveform which can confuse the ZCD
pin and lead to random transitions at the output. The series
resistor RZ shown in the Typical Application Circuit should
have a separate connection to the transformer secondary
terminal where the source waveform is relatively free of
distortions.
The primary side layout also requires special attention.
Excessive ringing or spikes on the primary side will be
reflected to the secondary and interfere with the controller
operation. It is important to physically separate the primary
and secondary circuits and use separate ground planes to
minimise interference.
The drive transformer for the forward FETs can contribute
significantly to the overall performance. For fast rise and
fall times and low switching losses, choose a driver with
low inductances. The traces from the transformer to OUTA
and XFRA pins must be kept short to minimise the overall
inductance in the drive path.
Application Information (Cont.)
Reference Design and Typical Waveforms
The complete schematic of a secondary channel delivering
3.3V/10A is shown in Fig 4). Typical waveforms are shown
in Figs 5) to Fig 8) These waveforms were taken on a dual
output convertor with 48V input and a transformer turns
ratio of 6:1. Both outputs were generated off a single
secondary winding. The primary topology was a free
running, active reset, forward convertor operating at 225
kHz. Volt second control was implemented using input
feedforward with a maximum duty ratio of 65% at 40V
input. The two outputs were rated at 3.3V/13A and 2.5V/
13A for a total of 75W power. Of special interest are the
primary side waveforms shown in Fig 8). The zero current
turn on can be clearly seen. During turn off, the current
decreases as 2.5V forward FETs turn off first, followed by
3.3V output. The last small step at final turn off represents
the magnetising current in transformer primary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com