Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4517AEVB Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC4517AEVB
Description  1.25MHz, 1.5A Step-Down Switching Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4517AEVB Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC4517AEVB Datasheet HTML 7Page - Semtech Corporation SC4517AEVB Datasheet HTML 8Page - Semtech Corporation SC4517AEVB Datasheet HTML 9Page - Semtech Corporation SC4517AEVB Datasheet HTML 10Page - Semtech Corporation SC4517AEVB Datasheet HTML 11Page - Semtech Corporation SC4517AEVB Datasheet HTML 12Page - Semtech Corporation SC4517AEVB Datasheet HTML 13Page - Semtech Corporation SC4517AEVB Datasheet HTML 14Page - Semtech Corporation SC4517AEVB Datasheet HTML 15Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC4517A
Application Information (Cont.)
The loop gain will be given by:
)
s
1
(
)
s
1
(
s
1
s
1
R
R
R
C
R
10
125
.
2
)
s
(
G
)
s
(
G
)
s
(
T
2
P
1
P
Z
2
1
2
4
L
3
VD
COMP
ω
+
⋅
ω
+
ω
+
⋅
+
⋅
⋅
⋅
=
⋅
=
−
Where:
C
R
1
L
1
p
⋅
=
ω
For 1.8V, 2.5V, 3.3V and 5V out applications, their
respective fixed output parts can be used. The FB pins
are connected directly to the outputs. The voltage dividers
(R
1 and R2) have been integrated into the SC4517A
controllers. For other output cases, the adjustable
SC4517A should be used with an external voltage divider.
One integrator is added at origin to increase the DC gain.
ω
Z is used to cancel the power stage pole ωP1 so that the
loop gain has –20dB/dec rate when it reaches 0dB line.
ω
P2 is placed at half switching frequency to reject high
frequency switching noises. Figure 4 gives the asymptotic
diagrams of the power stage with current loop closed
and its loop gain.
ωC
ωP2
ωZ
ωp1
Loop gain T(s)
Power stage
Figure 4. Asymptotic diagrams of power stage with
current loop closed and its loop gain.
The design guidelines for the SC4517A applications are
as following:
1. Set the loop gain crossover corner frequency
ω
C
for given switching corner frequency
ω
C = 2πf
c
.
2. Place an integrator at the origin to increase DC and
low frequency gains.
3. Select
ω
Z such that it is placed at ωP1 to obtain a
-20dB/dec rate to go across the 0dB line.
4. Place a high frequency compensator pole
ω
P2 (ωP2 = πfs) to get the maximum attenuation of
the switching ripple and high frequency noise with
the adequate phase lag at
ω
C.
Layout Guidelines:
In order to achieve optimal electrical and thermal
performance for high frequency converters, special
attention must be paid to the PCB layouts. The goal of
layout optimization is to identify the high di/dt loops and
minimize them. The following guidelines should be used
to ensure proper operation of the converters.
1. A ground plane is suggested to minimize switching
noises and trace losses and maximize heat
transferring.
2. Start the PCB layout by placing the power components
first. Arrange the power circuit to achieve a clean
power flow route. Put all power connections on one
side of the PCB with wide copper filled areas if
possible.
3. The V
IN bypass capacitor should be placed next to
the V
IN and GND pins.
4. The trace connecting the feedback resistors to the
output should be short, direct and far away from any
noise sources such as switching node and switching
components.
5. Minimize the loop including input capacitor, the
SC4517A and freewheeling diode D
2. This loop passes
high di/dt current. Make sure the trace width is wide
enough to reduce copper losses in this loop.
6. Maximize the trace width of the loop connecting the
inductor, freewheeling diode D
2 and the output
capacitor.
7.
Connect the ground of the feedback divider and the
compensation components directly to the GND pin
of the SC4517A by using a separate ground trace.
8. Connect Pin 4 to a large copper area to remove the
IC heat and increase the power capability of the
SC4517A. A few feedthrough holes are required to
connect this large copper area to a ground plane to
further improve the thermal environment of the
SC4517A. The traces attached to other pins should
be as wide as possible for the same purpose.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com