Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4517AEVB Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC4517AEVB
Description  1.25MHz, 1.5A Step-Down Switching Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4517AEVB Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC4517AEVB Datasheet HTML 7Page - Semtech Corporation SC4517AEVB Datasheet HTML 8Page - Semtech Corporation SC4517AEVB Datasheet HTML 9Page - Semtech Corporation SC4517AEVB Datasheet HTML 10Page - Semtech Corporation SC4517AEVB Datasheet HTML 11Page - Semtech Corporation SC4517AEVB Datasheet HTML 12Page - Semtech Corporation SC4517AEVB Datasheet HTML 13Page - Semtech Corporation SC4517AEVB Datasheet HTML 14Page - Semtech Corporation SC4517AEVB Datasheet HTML 15Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC4517A
12
C1
0.1u
C3
2.2u
SC4517A
IN
2
SW
3
EN
5
FB
6
COMP
7
SYNC
8
D3
R2
10k
R1
17.4k
R3
4.75k
C4
1.5n
C2
2.2u
D2
L1
4.7uH
R4
4.75k
C5
100p
VI=12V
Vo=3.3V
C1
0.1u
C3
2.2u
SC4517A
IN
2
SW
3
EN
5
FB
6
COMP
7
SYNC
8
D3
R2
10k
R1
17.4k
R3
4.75k
C4
1.5n
C2
2.2u
D2
L1
4.7uH
R4
4.75k
C5
100p
VI=12V
Vo=3.3V
Design Example 1. 12V to 3.3V.
m
e
t
Iy
t
Qe
c
n
e
r
e
f
e
Re
u
l
a
Vr
e
r
u
t
c
a
f
u
n
a
M
/.
o
N
t
r
a
P
11
1
CR
7
X
,
5
0
8
0
,
V
5
2
,
F
u
1
.
0
22
3
C
,
2
CF
u
2
.
2K
5
2
2
E
1
R
7
X
6
1
2
3
C
:
N
/
P
K
D
T
31
4
CF
n
5
.
1
41
5
CF
p
0
0
1
51
3
D3
2
-
D
O
S
,
S
W
8
4
1
4
N
1
61
2
D3
1
S
S3
1
S
S
:
N
/
P
d
li
h
c
r
i
a
F
71
1
L,
H
u
7
.
47
R
4
-
3
7
R
D
:
N
/
P
r
e
p
o
o
C
81
1
Rk
4
.
7
1
91
2
Rk
0
1
0
12
4
R
,
3
Rk
5
7
.
4
1
11
1
UA
7
1
5
4
C
S
:
N
/
P
h
c
e
t
m
e
S
T
R
T
L
M
I
A
7
1
5
4
C
S
.
e
g
a
k
c
a
p
3
0
6
0
h
ti
w
n
o
i
s
i
c
e
r
p
%
1
e
v
a
h
s
r
o
t
s
i
s
e
r
ll
a
,
d
e
if
i
c
e
p
s
s
s
e
l
n
U
%
0
2
-
/
+
e
r
a
s
r
o
ti
c
a
p
a
c
ll
a
d
n
a
%
1
-
/
+
e
r
a
s
r
o
t
s
i
s
e
R
Bill of Materials
Application Information (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com