Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP102 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMP102
Description  TMP113 Ultra-Small, 1.4V to 5.5V Supply, ±0.3°C Accurate, I2C Digital Temperature Sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP102 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP102 Datasheet HTML 9Page - Texas Instruments TMP102 Datasheet HTML 10Page - Texas Instruments TMP102 Datasheet HTML 11Page - Texas Instruments TMP102 Datasheet HTML 12Page - Texas Instruments TMP102 Datasheet HTML 13Page - Texas Instruments TMP102 Datasheet HTML 14Page - Texas Instruments TMP102 Datasheet HTML 15Page - Texas Instruments TMP102 Datasheet HTML 16Page - Texas Instruments TMP102 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
Table 7-3. 12-Bit Q4 Encoding Parameters (continued)
PARAMETER
VALUE
Q
4
Resolution
0.0625
Range (+)
127.9375
Range (–)
-128
25˚C
0x0190
Table 7-4. 12-Bit Q4 Bit Values in °C
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Sign
64
32
16
8
4
2
1
0.5
0.25
0.125 0.0625
-
-
-
-
-128
64
32
16
8
4
2
1
1/2
1/4
1/8
1/16
-
-
-
-
-27
26
25
24
23
22
21
20
2-1
2-2
2-3
2-4
-
-
-
-
/* 12-bit format will have 4 bits discarded by right shift
q4 is 0.062500 resolution
the following bytes represent 24.5C */
uint8_t byte1 = 0x18;
uint8_t byte2 = 0x80;
float f = (((int8_t) byte1 << 8 | byte2) >> 4) * 0.0625f;
int mC = (((int8_t) byte1 << 8 | byte2) >> 4) * 1000 >> 4;
int C = (int8_t) byte1;
7.3.3 Temperature Limits and Alert
The TMP113 has an alert feature and uses the TLow_Limit register for low threshold comparison and
THigh_Limit register for high threshold comparison. The alert limit is programmed in the TMP113 in a 12-bit
two's complement format based in the Configuration register, with a resolution of 62.5m°C. At the end of each
temperature conversion, the temperature result is compared with the high limit and low limit registers, and the
alert status flag and ALERT pin are updated.
The alert status flag in the configuration register and the ALERT pin are updated after every temperature
conversion based on the Alert_Mode and Polarity bit settings in the configuration register.
As shown in Figure 7-1, in comparator mode (Alert_Mode = 0b), the ALERT pin and status flag become active
when the temperature equals or exceeds the value in THigh_Limit for Fault number of consecutive conversions.
The ALERT pin and status flag remain active until the temperature falls below the TLow_Limit for the same
number of consecutive conversions.
www.ti.com
TMP113
SBOSAJ5 – DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TMP113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com