Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP102 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMP102
Description  TMP113 Ultra-Small, 1.4V to 5.5V Supply, ±0.3°C Accurate, I2C Digital Temperature Sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP102 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMP102 Datasheet HTML 17Page - Texas Instruments TMP102 Datasheet HTML 18Page - Texas Instruments TMP102 Datasheet HTML 19Page - Texas Instruments TMP102 Datasheet HTML 20Page - Texas Instruments TMP102 Datasheet HTML 21Page - Texas Instruments TMP102 Datasheet HTML 22Page - Texas Instruments TMP102 Datasheet HTML 23Page - Texas Instruments TMP102 Datasheet HTML 24Page - Texas Instruments TMP102 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
8 Register Map
Table 8-1. TMP113 Register Map
ADDRESS
TYPE
RESET
ACRONYM
REGISTER NAME
SECTION
00h
R
0000h
Temp_Result
Temperature result register
Go
01h
R/W
40A0h
Configuration
Configuration register
Go
02h
R/W
4B00h
TLow_Limit
Temperature low limit register
Go
03h
R/W
5000h
THigh_Limit
Temperature high limit register
Go
04h - 0Ah
R
xxxxh
Reserved
Reserved
-
0Bh
R
1130h
Device_ID
Device ID
Section 8.5
0Ch
R
xxxxh
Unique_ID0
NIST Data 0 Register
Section 8.6
0Dh
R
xxxxh
Unique_ID1
NIST Data 1 Register
Section 8.7
0Eh
R
xxxxh
Unique_ID2
NIST Data 2 Register
Section 8.8
0Fh
R
xxxxh
Reserved
Reserved
-
Table 8-2. TMP113 Register Section/Block Access Type Codes
Access Type
Code
Description
Read Type
R
R
Read
RC
R
Read
C
to Clear
R-0
R
Read
-0
Returns 0s
Write Type
W
W
Write
W0CP
W
W
0C
0 to clear
P
Requires privileged access
Reset or Default Value
-n
Value after reset or the default value
www.ti.com
TMP113
SBOSAJ5 – DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMP113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com