Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP112 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TMP112
Description  TMP113 Ultra-Small, 1.4V to 5.5V Supply, ±0.3°C Accurate, I2C Digital Temperature Sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP112 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMP112 Datasheet HTML 12Page - Texas Instruments TMP112 Datasheet HTML 13Page - Texas Instruments TMP112 Datasheet HTML 14Page - Texas Instruments TMP112 Datasheet HTML 15Page - Texas Instruments TMP112 Datasheet HTML 16Page - Texas Instruments TMP112 Datasheet HTML 17Page - Texas Instruments TMP112 Datasheet HTML 18Page - Texas Instruments TMP112 Datasheet HTML 19Page - Texas Instruments TMP112 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
7.4.2 One-Shot Mode
When a 1 is written to the One_Shot bit in the configuration register, the TMP113 immediately starts a one-shot
temperature conversion as shown in Figure 7-4. Requesting another conversion when the TMP113 is performing
a temperature conversion, the device does not stop the active conversion. After completing the one-shot
conversion, the TMP113 enters shutdown mode and the One_Shot bit is set to 1b.
Start of
conversion
Ac ve conversion me
(tACT)
Shutdown
I
2C One-Shot
Command
Temp_Result
Updated
Figure 7-4. One-Shot Timing Diagram
The one-shot conversion is only supported when the Shutdown bit is set to 1b. Due to the short conversion time,
the TMP113 device achieves a higher conversion rate. A single conversion typically takes 11ms and a read can
take place in less than 80µs. When using the one-shot mode, 50 or more conversions per second are possible.
7.5 Programming
7.5.1 Serial Interface
The TMP113 has a standard bidirectional I2C interface that is controlled by a controller device to be configured
or read the data from TMP113 device. Each target on the I2C bus has a specific device address to differentiate
between other target devices that are on the same I2C bus. Many target devices require configuration upon
start-up to set the behavior of the device. This is typically done when the controller accesses internal register
maps of the target, which have unique register addresses. A device can have one or multiple registers where
data is stored, written, or read. The TMP113 includes 50ns glitch suppression filters, allowing the device to
coexist on an I3C mixed bus. The TMP113 supports transmission data rates up to 3.4MHz.
7.5.2 Bus Overview
The physical I2C interface consists of the serial clock (SCL) and serial data (SDA) lines. The SDA line must be
connected to a supply through a pullup resistor. The size of the pullup resistor is determined by the amount of
capacitance on the I2C lines, the communication frequency and I2C bus voltage. For further details, see the I2C
Pullup Resistor Calculation application note. Data transfer can be initiated by a controller only when the bus is
idle. A bus is considered idle if both SDA and SCL lines are high after a STOP condition or time out events (see
Figure 7-5 and Figure 7-6).
TMP113
SBOSAJ5 – DECEMBER 2024
www.ti.com
16
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMP113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com