Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP112 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMP112
Description  TMP113 Ultra-Small, 1.4V to 5.5V Supply, ±0.3°C Accurate, I2C Digital Temperature Sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP112 Datasheet(HTML) 3 Page - Texas Instruments

  TMP112 Datasheet HTML 1Page - Texas Instruments TMP112 Datasheet HTML 2Page - Texas Instruments TMP112 Datasheet HTML 3Page - Texas Instruments TMP112 Datasheet HTML 4Page - Texas Instruments TMP112 Datasheet HTML 5Page - Texas Instruments TMP112 Datasheet HTML 6Page - Texas Instruments TMP112 Datasheet HTML 7Page - Texas Instruments TMP112 Datasheet HTML 8Page - Texas Instruments TMP112 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
4 Related Products
Similar devices in terms of software are available.
Table 4-1. Related Temperature Sensors
DEVICE
BEST ACCURACY
(MAXIMUM ERROR)
SOFTWARE
COMPATIBLE
ADDRESS/ALERT PIN
FUNCTIONALITY
PACKAGE OPTIONS
TMP102
2.0°C
Yes
(in Normal Mode)
Address + Alert
DRL (6-pin SOT563)
(1.6mm × 1.6mm)
TMP110
1.0°C
Yes
(in Normal Mode)
Separate (Address &
Alert)
DPW (5-pin X2SON)
(0.8mm × 0.8mm)
TMP112
0.5°C
Yes
(in Normal Mode)
Address + Alert (DRL)
DRL (6-pin SOT563)
(1.6mm × 1.6mm)
Separate (Address &
Alert) (DPW)
DPW (5-pin X2SON)
(0.8mm × 0.8mm)
TMP113
0.3°C
Yes
Address + Alert
YBG (6-pin DSBGA)
(1.5mm × 1.0mm
5 Pin Configuration and Functions
1
2
A
B
Not to scale
V+
GND
ADD0
SCL
ALERT
SDA
3
Figure 5-1. YBG Package, 6-Pin DSBGA
(Top View)
Table 5-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
GND
A2
—
Ground
SCL
A3
I
Serial clock
ADD0
B1
I
Address select. Connect to GND, SCL, SDA or V+
ALERT
A1
O
Overtemperature alert. Open-drain output; requires a pullup resistor.
Note: if Alert pin is not used, connecting this pin to GND is preferred.
SDA
B3
I/O
Serial data input. Open-drain output; requires a pullup resistor.
V+
B2
I
Supply voltage
1. I = Input, O = Output, I/O = Input or Output.
www.ti.com
TMP113
SBOSAJ5 – DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TMP113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com