Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2615 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC2615
Description  Complete DDR Power Solution
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2615 Datasheet(HTML) 1 Page - Semtech Corporation

  SC2615 Datasheet HTML 1Page - Semtech Corporation SC2615 Datasheet HTML 2Page - Semtech Corporation SC2615 Datasheet HTML 3Page - Semtech Corporation SC2615 Datasheet HTML 4Page - Semtech Corporation SC2615 Datasheet HTML 5Page - Semtech Corporation SC2615 Datasheet HTML 6Page - Semtech Corporation SC2615 Datasheet HTML 7Page - Semtech Corporation SC2615 Datasheet HTML 8Page - Semtech Corporation SC2615 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
POWER MANAGEMENT
1
www.semtech.com
SC2615
Complete DDR Power Solution
Applications
Revision 2, April 2003
Typical Application Circuit
Description
The SC2615 is a fully integrated, Three in One, Linear
Linear
Linear
Linear
Linear
DDR power solution providing power for the VDDQ and
the VTT rails. The SC2615 completely adheres to the
ACPI sleep state power requirements per IntelR
motherboard specifications. A linear regulator controller
provides the high current of the VDDQ during S0, via an
external Power MOSFET, while an internal 1.8A (min) sink/
source regulator supplies the termination voltage.
In addition to these two blocks, an Internal LDO provides
VDDQ power during S3, capable of sourcing 650 mA.
The SC2615 uses IntelR defined Latched BF_CUT signal
which is also used to drive the external Blocking MOSFET.
Additional logic, two UVLOs and three thermal shutdown
circuits assure reliability of this single chip DDR power
solution. A Power Good Output indicates the rails are in
regulation.
A Soft Start/Enable pin assures proper startup and allows
external shutdown control. The MLP package provides
excellent thermal impedance while keeping a small
footprint.
DDR power solution for IntelR motherboard
applications
High speed data line termination
Graphic cards
Disk drives
Single chip solution adheres to ACPI sleep state
requirements using BF_CUT
UVLO on 3.3V and 12V
Internal S3 state LDO for VDDQ supplies 650 mA
Dual thermal shutdown
Fast transient response
Internal VTT regulator Sinks and Sources 1.8A
(Min)
Power good output
18 pin MLP package
Features
PWRGD
SC2615
1
8
6
7
4
3
2
5
9
18
17
16
15
14
13
12
11
10
FB
VDDQIN
VTT
VDDQSTBY
5VSBY
LGND
VTTSNS
VTT
3.3VCC
SS/EN
NC
12VCC
TG
NC
NC
AGND
BF_CUT
PGOOD
BF_CUT
5V
5V STBY
BF_CUT
Cout
Cin
12V
VDDQ
VTT
PWRGD
1uF
0.1uF


Similar Part No. - SC2615

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SC261 MOTOROLA-SC261 Datasheet
94Kb / 2P
Triacs Bidirectional Triode Thyristors
logo
New Jersey Semi-Conduct...
SC261 NJSEMI-SC261 Datasheet
228Kb / 4P
Hermetic Triacs
SC261 NJSEMI-SC261 Datasheet
228Kb / 4P
Hermetic Triacs
logo
VITALCONN ELECTRONICS H...
SC261 VITALCONN-SC261 Datasheet
437Kb / 3P
SFP2*6 CAGECONN
logo
Semtech Corporation
SC2612 SEMTECH-SC2612 Datasheet
453Kb / 12P
600kHz/200kHz Step-Down DC/DC Converter
More results

Similar Description - SC2615

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
KX-TDA5 PANASONIC-KX-TDA5 Datasheet
2Mb / 12P
A complete communications solution
logo
Semtech Corporation
SC2616 SEMTECH-SC2616 Datasheet
414Kb / 17P
Complete DDR Power Solution
logo
Zoran Corporation
IPS-ZX ZORAN-IPS-ZX Datasheet
77Kb / 2P
Complete Raster Solution
logo
Sipex Corporation
SP7680 SIPEX-SP7680 Datasheet
450Kb / 16P
Complete Backlight Solution
logo
Semtech Corporation
SC2516 SEMTECH-SC2516 Datasheet
263Kb / 15P
Complete Three-in-One DDR Power Solution With BF_CUT
SC2616 SEMTECH-SC2616_03 Datasheet
325Kb / 16P
Complete DDR Power Solution
logo
Texas Instruments
TPS65295 TI1-TPS65295 Datasheet
1Mb / 39P
complete DDR4 memory power solution
logo
ON Semiconductor
NCL31000 ONSEMI-NCL31000 Datasheet
1Mb / 44P
Complete Connected LED Driver Power Solution
June, 2021 - Rev. 1
logo
Richtek Technology Corp...
RT8231A RICHTEK-RT8231A Datasheet
306Kb / 23P
Complete DDR Memory Power Supply Controller
April 2021
RT8248A RICHTEK-RT8248A Datasheet
292Kb / 21P
Complete DDR Memory Power Supply Controller
April 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com