Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2615 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC2615
Description  Complete DDR Power Solution
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2615 Datasheet(HTML) 2 Page - Semtech Corporation

  SC2615 Datasheet HTML 1Page - Semtech Corporation SC2615 Datasheet HTML 2Page - Semtech Corporation SC2615 Datasheet HTML 3Page - Semtech Corporation SC2615 Datasheet HTML 4Page - Semtech Corporation SC2615 Datasheet HTML 5Page - Semtech Corporation SC2615 Datasheet HTML 6Page - Semtech Corporation SC2615 Datasheet HTML 7Page - Semtech Corporation SC2615 Datasheet HTML 8Page - Semtech Corporation SC2615 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Absolute Maximum Ratings
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
e
g
a
tl
o
V
y
l
p
p
u
S
V
3
.
3V
3
.
3
C
C
0
.
33
.
36
.
3V
e
g
a
tl
o
V
y
l
p
p
u
S
V
2
1V
2
1
C
C
8
.
0
12
12
.
3
1V
e
g
a
tl
o
V
y
b
d
n
a
t
S
V
5V
B
S
5
5
.
45
5
.
5V
t
n
e
c
s
e
i
u
Q
t
u
p
n
I
Y
B
T
S
V
5
t
n
e
r
r
u
C
I
)
Y
B
T
S
(
Q
0
S4
.
2A
m
d
l
o
h
s
e
r
h
T
T
U
C
_
F
B
L
T
T
t
u
o
k
c
o
L
e
g
a
tl
o
V
r
e
d
n
U
V
2
1O
L
V
U
2
1
72
.
80
1V
t
u
o
k
c
o
L
e
g
a
tl
o
V
r
e
d
n
U
V
3
.
3O
L
V
U
3
.
3
4
.
29
.
20
.
3V
e
c
n
e
r
e
f
e
R
k
c
a
b
d
e
e
FV
F
E
R
5
2
.
1V
t
n
e
r
r
u
C
k
c
a
b
d
e
e
FI
B
F
2A
µ
t
n
e
r
r
u
C
3
S
n
i
Y
B
T
S
V
5I
)
Y
B
T
S
(
Q
25
A
m
d
l
o
h
s
e
r
h
T
n
w
o
d
t
u
h
S
N
E
/
S
SV
)
H
T
(
N
E
2
.
0V
n
w
o
d
t
u
h
S
l
a
m
r
e
h
T
0
5
1C
°
Electrical Characteristics
Unless specified: T
A = 0 to 70°C, VCC12 = 12V, VCC3 = 3.3V, 5VSTBY = 5V.
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters specified
in the Electrical Characteristics section is not implied.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sm
u
m
i
x
a
Ms
t
i
n
U
C
C
V
3
.
3
,
e
g
a
tl
o
V
y
l
p
p
u
S
t
u
p
n
IV
3
C
C
7V
C
C
V
2
1
,
e
g
a
tl
o
V
y
l
p
p
u
S
t
u
p
n
IV
2
1
C
C
5
1V
t
n
e
r
r
u
C
t
u
p
t
u
O
T
T
VI
)
T
T
V
(
O
3
±A
e
g
a
tl
o
V
t
u
p
n
I
y
b
d
n
a
t
S
V
5V
B
S
5
7V
s
t
u
p
t
u
O
d
n
a
s
t
u
p
n
IO
/I3
.
0
-
D
N
G
,
3
.
0
+
Y
B
T
S
V
5V
D
N
G
L
o
t
D
N
G
A
3
.
0
±V
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
A
g
n
it
a
r
e
p
OTA
0
7
o
t
0C
°
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
g
n
it
a
r
e
p
OTJ
5
2
1C
°
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
)
1
(
θJA
5
2W
/
C
°
e
s
a
C
o
t
n
o
it
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
)
1
(
θJC
4W
/
C
°
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
STSTG
0
5
1
o
t
5
6
-C
°
s
d
n
o
c
e
s
0
1
)
g
n
ir
e
d
l
o
S
(
e
r
u
t
a
r
e
p
m
e
T
d
a
e
LTLEAD
0
0
3C
°
)l
e
d
o
M
y
d
o
B
n
a
m
u
H
(
g
n
it
a
R
D
S
ED
S
E2
V
k
POWER MANAGEMENT
SC2615
2
 2003 Semtech Corp.
www.semtech.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com