Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2688 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC2688
Description  Programmable Synchronous DC/DC Converter, Dual LDO Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2688 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC2688 Datasheet HTML 3Page - Semtech Corporation SC2688 Datasheet HTML 4Page - Semtech Corporation SC2688 Datasheet HTML 5Page - Semtech Corporation SC2688 Datasheet HTML 6Page - Semtech Corporation SC2688 Datasheet HTML 7Page - Semtech Corporation SC2688 Datasheet HTML 8Page - Semtech Corporation SC2688 Datasheet HTML 9Page - Semtech Corporation SC2688 Datasheet HTML 10Page - Semtech Corporation SC2688 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2688
Layout Guidelines (Cont.)
4) The Output Capacitor(s) (Cout) should be located as
close to the load as possible, fast transient load currents
are supplied by Cout only, and connections between Cout
and the load must be short, wide copper areas to mini-
mize inductance and resistance.
5) The SC2688 is best placed over a quiet ground plane
area, avoid pulse currents in the Cin, Q1, Q2 loop flowing
in this area. PGND should be returned to the ground plane
close to the package. The AGND pin should be connected
to the ground side of (one of) the output capacitor(s). If
this is not possible, the AGND pin may be connected to
the ground path between the Output Capacitor(s) and the
Cin, Q1, Q2 loop. Under no circumstances should AGND
be returned to a ground inside the Cin, Q1, Q2 loop.
6) Vcc for the SC2688 should be supplied from the 5V
supply through a 10
Ω resistor, the Vcc pin should be
decoupled directly to AGND by a 0.1
µF ceramic capacitor,
trace lengths should be as short as possible.
7) The Current Sense resistor and the divider across it
should form as small a loop as possible, the traces run-
ning back to CS+ and CS- on the SC2688 should run par-
allel and close to each other. The 0.1
µF capacitor should
be mounted as close to the CS+ and CS- pins as possible.
8) Ideally, the grounds for the two LDO sections should be
returned to the ground side of (one of) the output
capacitor(s).
Vout
5V
+
+
Currents in Power Section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com